전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8416 데이터시트(PDF) 37 Page - Cirrus Logic

부품명 CS8416
상세설명  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 데이터시트(HTML) 37 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 33Page - Cirrus Logic CS8416_07 Datasheet HTML 34Page - Cirrus Logic CS8416_07 Datasheet HTML 35Page - Cirrus Logic CS8416_07 Datasheet HTML 36Page - Cirrus Logic CS8416_07 Datasheet HTML 37Page - Cirrus Logic CS8416_07 Datasheet HTML 38Page - Cirrus Logic CS8416_07 Datasheet HTML 39Page - Cirrus Logic CS8416_07 Datasheet HTML 40Page - Cirrus Logic CS8416_07 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
DS578F3
37
CS8416
1 – Higher Update Rate Phase Detector - Recovered master clock (RMCK) will have low in-band jitter, but
increased wide-band jitter. Use this setting for the best performance when the output is connected to a delta-
sigma digital-to-analog converter (DAC).
TRUNC
– Determines if the audio word length is set according to the incoming channel status data as de-
coded by the AUX[3:0] bits. The resulting word length in bits is 24 minus AUX[3:0].
Default = ‘0’
0 – Incoming data is not truncated.
1 – Incoming data is truncated according to the length specified in the channel status data.
Truncation occurs before the de-emphasis filter. TRUNC has no effect on output data if de-emphasis filter
is not used.
Reserved
– These bits may change state depending on the input audio data.
14.3 Control1 (01h)
SWCLK
- Lets OMCK determine RMCK, OSCLK, OLRCK when PLL loses lock
Default = ‘0’
0 - Disable automatic clock switching. RMCK runs at the VCO frequency (~750 kHz) on PLL Unlock.
1 - Enable automatic clock switching on PLL unlock. OMCK clock input is automatically output on RMCK on
PLL Unlock.
MUTESAO
- Mute control for the serial audio output port
Default = ‘0’
0 - SDOUT not muted.
1 – SDOUT muted (set to all zeros).
INT[1:0]
- Interrupt output pin (INT) control
Default = ‘00’
00 - Active high; high output indicates interrupt condition has occurred.
01 - Active low, low output indicates an interrupt condition has occurred.
10 - Open drain, active low. Requires an external pull-up resistor on the INT pin. Thus it is not recommended
to multiplex INT onto GPO2 in I²C Control Port Mode since an external resistor is required on GPO2 to spec-
ify the AD2 bit of the chip address.
11 – Reserved.
HOLD[1:0]
– Determine how received audio sample is affected when a receive error occurs
Default = ‘00’
00 – hold last audio sample.
01 – replace the current audio sample with all zeros (mute).
10- do not change the received audio sample.
11 - reserved
76543210
SWCLK
MUTESAO
INT1
INT0
HOLD1
HOLD0
RMCKF
CHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com