전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMT10E 데이터시트(PDF) 4 Page - Same Sky Devices

부품명 AMT10E
상세설명  MODULAR INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMESKY [Same Sky Devices]
홈페이지  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT10E 데이터시트(HTML) 4 Page - Same Sky Devices

  AMT10E Datasheet HTML 1Page - Same Sky Devices AMT10E Datasheet HTML 2Page - Same Sky Devices AMT10E Datasheet HTML 3Page - Same Sky Devices AMT10E Datasheet HTML 4Page - Same Sky Devices AMT10E Datasheet HTML 5Page - Same Sky Devices AMT10E Datasheet HTML 6Page - Same Sky Devices AMT10E Datasheet HTML 7Page - Same Sky Devices AMT10E Datasheet HTML 8Page - Same Sky Devices AMT10E Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SAME SKY | SERIES: AMT10E | DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 09/12/2024 | page 4 of 10
sameskydevices.com
ENCODER INTERFACE
CONNECTOR PINOUT
Function
#
AMT10E2
AMT10E3
B
B CHANNEL
B CHANNEL
5V
+5 V
+5 V
A
A CHANNEL
A CHANNEL
X
INDEX CHANNEL
INDEX CHANNEL
G
GND
GND
AMT10E2
AMT10E3
Mating Connector:
AMP 3-640440-5 (tin)
AMP 3-641237-5 (gold)
Mating Connector:
Molex 50-57-9405 Housing
Molex 16-02-0086 Terminals
RESOLUTION SETTINGS
4
3
2
1
(off) 0
(on)1
Example setting: 1250 PPR
DIP switch:
1 = On, 0 = Off
Resolution (PPR)
Maximum RPM
1
2
3
4
5120
3000
0
0
0
0
2560
3000
0
0
1
0
2500
3000
1
0
0
0
2000
3000
0
1
0
0
1280
6000
0
0
0
1
1250
3000
1
0
1
0
1000
3000
0
1
1
0
960
3000
1
1
0
0
640
6000
0
0
1
1
625
6000
1
0
0
1
500
6000
0
1
0
1
480
3000
1
1
1
0
312.5
6000
1
0
1
1
250
6000
0
1
1
1
240
6000
1
1
0
1
120
6000
1
1
1
1
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com