전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMT10E 데이터시트(PDF) 1 Page - Same Sky Devices

부품명 AMT10E
상세설명  MODULAR INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMESKY [Same Sky Devices]
홈페이지  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT10E 데이터시트(HTML) 1 Page - Same Sky Devices

  AMT10E Datasheet HTML 1Page - Same Sky Devices AMT10E Datasheet HTML 2Page - Same Sky Devices AMT10E Datasheet HTML 3Page - Same Sky Devices AMT10E Datasheet HTML 4Page - Same Sky Devices AMT10E Datasheet HTML 5Page - Same Sky Devices AMT10E Datasheet HTML 6Page - Same Sky Devices AMT10E Datasheet HTML 7Page - Same Sky Devices AMT10E Datasheet HTML 8Page - Same Sky Devices AMT10E Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
date 09/12/2024
page 1 of 10
SERIES: AMT10E | DESCRIPTION: MODULAR INCREMENTAL ENCODER
sameskydevices.com
FEATURES
• patented capacitive ASIC technology
• low power consumption
• CMOS outputs
• 16 DIP switch selectable resolutions
• index pulse
• modular package design
• straight (radial) and right-angle (axial) versions
• 9 mounting hole options for radial version
• 8 mounting hole options for axial version
• -40~100°C operating temperature
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
3.1
5
5.5
V
current consumption
with unloaded output
6
mA
output high level
VDD-0.8
V
output low level
0.4
V
output current
CMOS sink/source per channel
2
mA
rise/fall time
30
ns
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
quadrature A, B, and X index
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
90
degrees
quadrature resolutions1
120, 240, 250, 312.5, 480, 500, 625, 640, 960, 1000, 1250,
1280, 2000, 2500, 2560, 5120
PPR
index2
one pulse per 360 degree rotation
accuracy
0.25
degrees
quadrature duty cycle (at each
resolution)
640, 1280, 2560, 5120
120, 240, 250, 312.5, 480, 500, 625, 960, 1000, 1250
2000, 2500
49
47
43
50
50
50
51
53
56
%
%
%
Notes:
1. Resolution selected via adjustable DIP switch, pre-set to 5120 PPR. All resolutions are listed as pre-quadrature, meaning the final number of counts is PPR x 4.
2. Some stepper motors may leak a magnetic field causing the AMT index pulse to not function properly (non-magnetic version available with 20 pulses per revolution).
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | 3D Model


유사한 부품 번호 - AMT10E

제조업체부품명데이터시트상세설명
logo
CUI INC
AMT10E CUI-AMT10E Datasheet
1,017Kb / 10P
MODULAR INCREMENTAL ENCODER
08/04/2021
logo
CUI Devices
AMT10E CUID-AMT10E Datasheet
935Kb / 10P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT10E2-00120-I2000-S CUID-AMT10E2-00120-I2000-S Datasheet
935Kb / 10P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT10E2-00120-I2000-W CUID-AMT10E2-00120-I2000-W Datasheet
935Kb / 10P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT10E2-00120-I3000-S CUID-AMT10E2-00120-I3000-S Datasheet
935Kb / 10P
MODULAR INCREMENTAL ENCODER
08/05/2022
More results

유사한 설명 - AMT10E

제조업체부품명데이터시트상세설명
logo
CUI INC
LME CUI-LME Datasheet
874Kb / 5P
modular incremental encoder
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
MODULAR INCREMENTAL ENCODER
11/18/2021
AMT11 CUI-AMT11_V01 Datasheet
733Kb / 9P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT13 CUI-AMT13_V01 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
AMT12 CUI-AMT12_V01 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
09/10/2021
logo
CUI Devices
AMT10 CUID-AMT10 Datasheet
869Kb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT11 CUID-AMT11 Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT13 CUID-AMT13 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com