전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMT10E 데이터시트(PDF) 5 Page - Same Sky Devices

부품명 AMT10E
상세설명  MODULAR INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMESKY [Same Sky Devices]
홈페이지  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT10E 데이터시트(HTML) 5 Page - Same Sky Devices

  AMT10E Datasheet HTML 1Page - Same Sky Devices AMT10E Datasheet HTML 2Page - Same Sky Devices AMT10E Datasheet HTML 3Page - Same Sky Devices AMT10E Datasheet HTML 4Page - Same Sky Devices AMT10E Datasheet HTML 5Page - Same Sky Devices AMT10E Datasheet HTML 6Page - Same Sky Devices AMT10E Datasheet HTML 7Page - Same Sky Devices AMT10E Datasheet HTML 8Page - Same Sky Devices AMT10E Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SAME SKY | SERIES: AMT10E | DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 09/12/2024 | page 5 of 10
sameskydevices.com
15.340.604
9.00 0.354
43.381.708
52.50 2.067
15.300.602
R
0.610
15.50
28.77 1.133
MECHANICAL DRAWINGS
units: mm[inch]
tolerance: ±0.1mm
units: mm[inch]
tolerance: ±0.1mm
AMT10E2 STANDARD BASE
AMT10E2 WIDE BASE
0.610
R15.50
15.30 0.602
28.771.133
15.340.604
9.00 0.354
43.381.708
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com