| 전자부품 데이터시트 검색엔진 |
|
C8051F360 데이터시트(PDF) 6 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F360 데이터시트(HTML) 6 Page - Silicon Laboratories |
|
6 / 288 page ![]() C8051F360/1/2/3/4/5/6/7/8/9 6 Rev. 1.0 18.3.SMBus Operation ........................................................................................... 203 18.3.1.Arbitration............................................................................................... 204 18.3.2.Clock Low Extension.............................................................................. 204 18.3.3.SCL Low Timeout................................................................................... 204 18.3.4.SCL High (SMBus Free) Timeout .......................................................... 205 18.4.Using the SMBus............................................................................................ 205 18.4.1.SMBus Configuration Register............................................................... 206 18.4.2.SMB0CN Control Register ..................................................................... 209 18.4.3.Data Register ......................................................................................... 212 18.5.SMBus Transfer Modes.................................................................................. 213 18.5.1.Master Transmitter Mode ....................................................................... 213 18.5.2.Master Receiver Mode ........................................................................... 214 18.5.3.Slave Receiver Mode ............................................................................. 215 18.5.4.Slave Transmitter Mode ......................................................................... 216 18.6.SMBus Status Decoding................................................................................. 217 19. UART0.................................................................................................................... 220 19.1.Enhanced Baud Rate Generation................................................................... 221 19.2.Operational Modes ......................................................................................... 222 19.2.1.8-Bit UART ............................................................................................. 222 19.2.2.9-Bit UART ............................................................................................. 223 19.3.Multiprocessor Communications .................................................................... 224 20. Enhanced Serial Peripheral Interface (SPI0)...................................................... 234 20.1.Signal Descriptions......................................................................................... 235 20.1.1.Master Out, Slave In (MOSI).................................................................. 235 20.1.2.Master In, Slave Out (MISO).................................................................. 235 20.1.3.Serial Clock (SCK) ................................................................................. 235 20.1.4.Slave Select (NSS) ................................................................................ 235 20.2.SPI0 Master Mode Operation ......................................................................... 236 20.3.SPI0 Slave Mode Operation ........................................................................... 238 20.4.SPI0 Interrupt Sources ................................................................................... 238 20.5.Serial Clock Timing......................................................................................... 239 20.6.SPI Special Function Registers ...................................................................... 241 21. Timers.................................................................................................................... 247 21.1.Timer 0 and Timer 1 ....................................................................................... 248 21.1.1.Mode 0: 13-bit Counter/Timer ................................................................ 248 21.1.2.Mode 1: 16-bit Counter/Timer ................................................................ 249 21.1.3.Mode 2: 8-bit Counter/Timer with Auto-Reload...................................... 249 21.1.4.Mode 3: Two 8-bit Counter/Timers (Timer 0 Only)................................. 251 21.2.Timer 2 .......................................................................................................... 256 21.2.1.16-bit Timer with Auto-Reload................................................................ 256 21.2.2.8-bit Timers with Auto-Reload................................................................ 257 21.3.Timer 3 .......................................................................................................... 260 21.3.1.16-bit Timer with Auto-Reload................................................................ 260 21.3.2.8-bit Timers with Auto-Reload................................................................ 261 |