| 전자부품 데이터시트 검색엔진 |
|
DSP56300 데이터시트(PDF) 23 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56300 데이터시트(HTML) 23 Page - Freescale Semiconductor, Inc |
|
23 / 108 page ![]() The Viterbi Algorithm Viterbi Decoder Viterbi Decoder Implementation 2-9 To understand why this is so, note that the total path metric for is PM1+QM1. Similarly, has path metric PM1+QM2, has path metric PM2+QM1, and has path metric PM2+QM2. Suppose is a candidate for largest path metric. Then is still larger, as PM1+QM2 >PM2+QM2 (remembering we assumed that PM1 >PM2). This is true for any Q2. So, if PM1 > PM2, we can eliminate P2 from further consideration at time j, without waiting for the ÒfutureÓ inputs from time j to time k. Figure 2-5 Using Intermediate States to Eliminate Partial Paths In our example, each state will have two paths entering it at any time. The number of paths doubles each time, but we can now eliminate half of the paths each time as well. This is the basis of the Viterbi algorithm. To use it, we must keep track of the best path metric for each state up to the current time. By eliminating paths that can never have the largest path metric, however, we keep the amount of computation constant with time. To diagram what is going on, we need a different figure than the tree in Figure 2-3. We need only keep track of each (encoder) state at each time. The result is called a trellis because it resembles one. A diagram of a trellis for our IS-136 code appears in Figure 2-6. The beginning of the trellis does not look the same for each time (each decoder input is a stage in the diagram). This is because we assumed the encoder started in state 00000. In general, the encoder can be in any state, and the trellis repeats. For our figure, this can be seen in stages 6 and 7 (after 5 stages, our encoder can be in any state, so we get a Òsteady stateÓ in our trellis diagram). Each line in the trellis is a transition, just like the ones in the tree. For the trellis, however, the number of states is bounded. The number of states for this trellis is determined by the encoder which has five state bits. This means there are 25 = 32 states in the trellis. P 1 Q 1 È P 1 Q 2 È P 2 Q 1 È P 2 Q 2 È P 2 Q 2 È P 1 Q 2 È State S P1 P2 Q1 Q2 time i time j time k Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |