전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56300 데이터시트(PDF) 58 Page - Freescale Semiconductor, Inc

부품명 DSP56300
상세설명  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 데이터시트(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 108 page
background image
4-10
Viterbi Decoder Implementation
Algorithmic Extensions
Collapsing the States
4.4
COLLAPSING THE STATES
For codes that 0 fill the encoder to create an end of data block, we can reduce the number
of cycles needed to finish the Viterbi decoder processing. Example 4-4 assumes the coder
ends a block by 0 filling the encoder. For the decoder, this means that the last 5 inputs to
a block are known beforehand to take the upper state. There are two cycle-saving
consequences to this. First, we need not update the lower state in the butterflies. Second,
each of the last five inputs creates only half the number of states from the previous input.
For the last input, we update state 0 only, giving us a single starting point for traceback.
The code appears in Example 4-4.
;*****************************************************************
;
PreACSmacro
;
;
move#BRY,r2
;r2 points to branch metrics
mover5,r3
;save r5 to init r4 later
mover4,n3
;save r4 to init r5 later
movel:(r2)+,ba ;get first branch metrics
movel:(r5)+,y ;load 1st metric/path pair
;
do
n5,_P_NextStageupdate each state
add y,a
;update metric
add y,b l:(r5)+,y;updt met, ld nxt pair
vsl a,0,l:(r4)+;end top half
;
vsl b,1,l:(r4)+;end 2nd half
movel:(r2)+,ba ;ld br met
_P_NextStage
moven5,b
;recall loop count
asl b
n3,r5
;mult it by 2
mover3,r4
moveb,n5
;storage for loop count
move#BRY,r2
;reinit branch ptr
endm
Example 4-3
Pre-ACS Macro (Continued)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More