전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC440GX-3CF800CZ 데이터시트(PDF) 90 Page - Applied Micro Circuits Corporation

부품명 PPC440GX-3CF800CZ
상세설명  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3CF800CZ 데이터시트(HTML) 90 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3CF800CZ Datasheet HTML 85Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 86Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 87Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 88Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 89Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 90Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 91Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 92Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 93Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
90
AMCC
Revision 1.15 – August 30, 2007
Data Sheet
Revision Log
Date
Contents of Modification
08/07/2002
Add revision log.
08/30/2002
Change EMC0:1TxD0:1 and EMC0:1TxEn TOV from 15 to 11 ns.
09/25/2002
Update for L2 cache
10/22/2002
Add heat sink mounting information .
11/20/2002
Update I/O timing data.
01/07/2003
Update PCI-X I/O voltage specification.
Correct package drawing
01/22/2003
Correct description of SysReset signal.
Update for 533MHz parts and add power supply current values.
03/25/2003
Update DDR SDRAM timing.
Change RTBIxTX and RX control signals to data signals.
06/16/2003
Add 667MHz part numbers, update I/O specifications, and fill in missing data points.
07/15/2003
Update information concerning higher speed parts, bus clock ratios, the duplicate trace signals, and initialization
strapping pins. Update Ethernet signals with new and moved signals.
07/17/2003
Remove IBM Confidential.
12/02/2003
Revise DDR SDRAM I/O section.
01/13/2004
Correct TrcTS6 signal data (pin assignment and multiplexing).
02/12/2004
Restore VDD/OVDD voltage sequence restriction.
02/25/2004
Add three Revision C part numbers.
03/04/2004
Update part number list.
Update dimensions on package drawing.
03/25/2004
Correct GMCTxClk signal description from input-only to I/O.
05/12/2004
Add plastic package data, new power data, and update part number list.
05/20/2004
Upgrade 533MHz ceramic part to 105
°C rating.
06/15/2004
Correct dimensions on ceramic package drawing.
06/30/2004
Replace misssing 533MHz C temperature range part.
11/01/2004
Add information on minimum SysClk and TRST duration during power-on reset.
Remove power sequence restrictions note from Absolute Maximum Rating table.
Restate power sequencing restrictions in Recommended DC Operating Conditions table.
Convert to AMCC format.
12/09/2004
Restore “Preliminary” to document classification.
06/16/2005
Add S (no L2 cache support) temperature range part numbers.
07/01/2005
Add reduced-lead ceramic and lead-free plastic part numbers.
10/17/2005
Clarify DDR SDRAM interface diagram.
11/07/2005
Remove metal-layer specification from technology description.
Add logo and number nomenclature to package drawing.
12/22/2005
Update I/O timing specs for EMC0:3TxD, GMC0RxD0:3, GMC1RxD0:3, GMCRxDV, GMC1RxCtl, GMCRxD0:7,
GMCRxEr, GMCCrS, GMCTxD0:7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com