전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC440GX-3CF800CZ 데이터시트(PDF) 71 Page - Applied Micro Circuits Corporation

부품명 PPC440GX-3CF800CZ
상세설명  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3CF800CZ 데이터시트(HTML) 71 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3CF800CZ Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 75Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
71
Revision 1.15 – August 30, 2007
Data Sheet
Ethernet MII Interface
EMCRxD0:3
4
1
na
na
5.1
6.8
EMCRxClk
1
EMCRxDV
4
1
na
na
5.1
6.8
EMCRxClk
1
EMCRxClk
na
na
na
na
5.1
6.8
1,
async
EMCRxErr
4
1
na
na
5.1
6.8
EMCRxClk
1
EMCTxD0:3
na
na
15
2
5.1
6.8
EMCTxClk
1
EMCTxEn
na
na
15
2
5.1
6.8
EMCTxClk
1
EMCTxClk
na
na
na
na
na
na
1,
async
EMCTxErr
na
na
15
2
5.1
6.8
EMCTxClk
1
EMCCrS
na
na
5.1
6.8
1,
async
EMCCD
na
na
5.1
6.8
1,
async
EMCMDIO
5.1
6.8
EMCMDClk
1
EMCMDClk
na
na
na
na
5.1
6.8
1,
async
Ethernet RMII Interface
EMC0RxD0:1
2
1
na
na
5.1
6.8
EMCRefClk
EMC0RxErr
2
1
na
na
5.1
6.8
EMCRefClk
EMC0CrSDV
na
na
5.1
6.8
EMCRefClk
EMC0TxD0:1
na
na
11
2
5.1
6.8
EMCRefClk
EMC0:1TxEn
na
na
11
2
5.1
6.8
EMCRefClk
EMC1RxD0:1
na
na
5.1
6.8
EMCRefClk
EMC1RxErr
na
na
5.1
6.8
EMCRefClk
EMC1CrSDV
na
na
5.1
6.8
EMCRefClk
EMC1TxD0:1
na
na
11
2
5.1
6.8
EMCRefClk
EMCRefClk
na
na
na
na
na
na
3,
async
I/O Specifications—All Speeds (Sheet 2 of 7)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133MHz. PCI-X input setup time requirement is 1.2ns for 133MHz and
1.7ns for 66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66MHz. PCI output hold time
requirement is 1ns for 66MHz and 2ns for 33MHz.
3. The clock frequency for RMII operation is 50MHz ± 100ppm.
4. The clock frequency for SMII operation is 125MHz ± 100ppm.
5. These are DDR signals that can change on both the positive and negative clock transitions.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com