전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC440GX-3CF800CZ 데이터시트(PDF) 64 Page - Applied Micro Circuits Corporation

부품명 PPC440GX-3CF800CZ
상세설명  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3CF800CZ 데이터시트(HTML) 64 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3CF800CZ Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 68Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
64
AMCC
Revision 1.15 – August 30, 2007
Data Sheet
Clocking Specifications
Symbol
Parameter
Minimum
Maximum
Units
Notes
SysClk Input
FC
Frequency
33.33
83.33
MHz
TC
Period
12
30
ns
TCS
Edge stability (cycle-to-cycle jitter)
–
±0.15
ns
TCH
High time
40% of nominal period
60% of nominal period
ns
TCL
Low time
40% of nominal period
60% of nominal period
ns
Note:Input slew rate
≥ 1V/ns
PLL VCO
FC
Frequency
600
1334
MHz
TC
Period
0.75
1.66
ns
Processor Clock (CPU Clock)
FC
Frequency
333
800
MHz
1
TC
Period
1.25
3
ns
MemClkOut
FC
Frequency—533, 667, 800MHz
Rev C
Frequency—800MHz Rev F
100
100
166.66
200
MHz
TC
Period—533, 667, 800MHz Rev C
Period—800MHz Rev F
6
5
10
10
ns
TCH
High time
45% of nominal period
55% of nominal period
ns
OPB Clock
FC
Frequency
33.33
83.33
MHz
TC
Period
12
30
ns
MAL Clock
FC
Frequency
45
83.33
MHz
TC
Period
12
22.22
ns
Notes:
1. The maximum supported processor clock frequency for any part is specified in the part number (see “Ordering and PVR Information”
on page 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com