전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISD5216PI 데이터시트(PDF) 38 Page - Winbond

부품명 ISD5216PI
상세설명  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINBOND [Winbond]
홈페이지  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI 데이터시트(HTML) 38 Page - Winbond

Back Button ISD5216PI Datasheet HTML 34Page - Winbond ISD5216PI Datasheet HTML 35Page - Winbond ISD5216PI Datasheet HTML 36Page - Winbond ISD5216PI Datasheet HTML 37Page - Winbond ISD5216PI Datasheet HTML 38Page - Winbond ISD5216PI Datasheet HTML 39Page - Winbond ISD5216PI Datasheet HTML 40Page - Winbond ISD5216PI Datasheet HTML 41Page - Winbond ISD5216PI Datasheet HTML 42Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
ISD5216
- 38 -
RAC (ROW ADDRESS CLOCK)
RAC is an open drain output pin that normally marks the end of a row. At the 8 kHz sample frequency
the duration of this period is 256 ms. there are 1888 pages of memory in the Winbond ISD5216
device. RAC stays HIGH for 248 ms and goes LOW for the remaining 8 ms before it reaches the end
of the page.
1 ROW
RAC Waveform
During 8 KHz Operation
256 msec
T
RAC
8 msec
T
RACLO
The RAC pin remains HIGH for 500 µsec and stays LOW for 15.6 µsec under the Message Cueing
mode. See the Timing Parameters table on page 63 for RAC timing information at other sample rates.
When a record command is first initiated, the RAC pin remains HIGH for an extra TRACLO period in
order to load sample and hold circuits internal to the device. The RAC pin can be used for message
management techniques.
1 ROW
RAC Waveform
During Message Cueing
500 usec
T
RAC
15.6 us
T
RACLO
RAC Waveform
During Digital Erase
.25 µsec
1
.25 µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com