전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISD5216PI 데이터시트(PDF) 24 Page - Winbond

부품명 ISD5216PI
상세설명  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINBOND [Winbond]
홈페이지  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI 데이터시트(HTML) 24 Page - Winbond

Back Button ISD5216PI Datasheet HTML 20Page - Winbond ISD5216PI Datasheet HTML 21Page - Winbond ISD5216PI Datasheet HTML 22Page - Winbond ISD5216PI Datasheet HTML 23Page - Winbond ISD5216PI Datasheet HTML 24Page - Winbond ISD5216PI Datasheet HTML 25Page - Winbond ISD5216PI Datasheet HTML 26Page - Winbond ISD5216PI Datasheet HTML 27Page - Winbond ISD5216PI Datasheet HTML 28Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
ISD5216
- 24 -
7.5.4. OPCODE Command Byte Table
Pwr
Function Bits
Register Bits
OPCODE
HEX
PU
DA
B
FN
2
FN
1
FN
0
RG
2
RG
1
RG0
COMMAND BIT NUMBER
CMD
C7
C6
C5
C4
C3
C2
C1
C0
POWER UP
80
1
0
0
0
0
0
0
0
POWER DOWN
00
0
0
0
0
0
0
0
0
STOP (DO NOTHING) STAY ON
80
1
0
0
0
0
0
0
0
STOP (DO NOTHING) STAY OFF
00
0
0
0
0
0
0
0
0
LOAD ADDRESS
81
1
0
0
0
0
0
0
1
LOAD CFG0
82
1
0
0
0
0
0
1
0
LOAD CFG1
83
1
0
0
0
0
0
1
1
LOAD CFG2
85
1
0
0
0
0
1
0
1
RECORD ANALOG
90
1
0
0
1
0
0
0
0
RECORD ANALOG @ ADDR
91
1
0
0
1
0
0
0
1
PLAY ANALOG
A8
1
0
1
0
1
0
0
0
PLAY ANALOG @ ADDR
A9
1
0
1
0
1
0
0
1
MSG CUE ANALOG
B8
1
0
1
1
1
0
0
0
MSG CUE ANALOG @ ADDR
B9
1
0
1
1
1
0
0
1
ERASE DIGITAL PAGE
D0
1
1
0
1
0
0
0
0
ERASE DIGITAL PAGE @ ADDR
D1
1
1
0
1
0
0
0
1
WRITE DIGITAL
C8
1
1
0
0
1
0
0
0
WRITE DIGITAL @ ADDR
C9
1
1
0
0
1
0
0
1
READ DIGITAL
E0
1
1
1
0
0
0
0
0
READ DIGITAL @ ADDR
E1
1
1
1
0
0
0
0
1
READ STATUS REGISTER
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75