전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISD5216PI 데이터시트(PDF) 66 Page - Winbond

부품명 ISD5216PI
상세설명  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINBOND [Winbond]
홈페이지  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI 데이터시트(HTML) 66 Page - Winbond

Back Button ISD5216PI Datasheet HTML 62Page - Winbond ISD5216PI Datasheet HTML 63Page - Winbond ISD5216PI Datasheet HTML 64Page - Winbond ISD5216PI Datasheet HTML 65Page - Winbond ISD5216PI Datasheet HTML 66Page - Winbond ISD5216PI Datasheet HTML 67Page - Winbond ISD5216PI Datasheet HTML 68Page - Winbond ISD5216PI Datasheet HTML 69Page - Winbond ISD5216PI Datasheet HTML 70Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
ISD5216
- 66 -
VOLUME CONTROL
[14]
Symbol
Parameters
Min
[2]
Typ
[1][14]
Max
[2]
Units
Conditions
AOUT
Output Gain
-28 to 0
dB
8
steps
of
4
dB,
referenced to output
Absolute Gain
-0.5
+0.5
dB
AUX IN 1.0 kHz 0TLP,
6
dB
gain
setting
measured differentially
at SP+/-
[1]
Typical values: TA = 25°C and Vcc = 3.0V.
[2]
All min/max limits are guaranteed by Winbond via electrical testing or characterization. Not
all specifications are 100 percent tested.
[3]
Low-frequency cut off depends upon the value of external capacitors (see Pin
Descriptions).
[4]
Differential input mode. Nominal differential input is 208 mV p-p. (0TLP)
[5]
Sampling frequency can vary as much as –6/+4 percent over the industrial temperature
and voltage ranges. For greater stability, an external clock can be utilized (see Pin
Descriptions).
[6]
Playback and Record Duration can vary as much as –6/+4 percent over the industrial
temperature and voltage ranges. For greater stability, an external clock can be utilized
(see Pin Descriptions).
[7]
Filter specification applies to the low pass filter.
[8]
For optimal signal quality, this maximum limit is recommended.
[9]
When a record command is sent, TRAC = TRAC + TRACLO on the first page addressed.
[10]
The maximum signal level at any input is defined as 3.17 dB higher than the reference
transmission level point. (0TLP) This is the point where signal clipping may begin.
[11]
Measured at 0TLP point for each gain setting. See AUX IN table.
[12]
0TLP is the reference test level through inputs and outputs. See AUX IN table.
[13]
Referenced to 0TLP input at 1 kHz, measured over 300 to 3,400 Hz bandwidth.
[14]
For die, only typical values are applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com