| 전자부품 데이터시트 검색엔진 |
|
STR710FZ1H6 데이터시트(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ1H6 데이터시트(HTML) 61 Page - STMicroelectronics |
|
61 / 77 page ![]() STR71xF Electrical parameters 61/77 5.3.8 Communications interfaces I2C - Inter IC Control Interface Subject to general operating conditions for V33, fPCLK1, and TA unless otherwise specified. The STR7 I2C interface meets the requirements of the Standard I2C communication protocol described in the following table with the restriction mentioned below: Note: Restriction: The I/O pins which SDA and SCL are mapped to are not “True” Open-Drain: when configured as open-drain, the PMOS connected between the I/O pin and V33 is disabled, but it is still present. Also, there is a protection diode between the I/O pin and V33. Consequently, when using this I2C in a multi-master network, it is not possible to power off the STR7X while some another I2C master node remains powered on: otherwise, the STR7X will be powered by the protection diode. Refer to I/O port characteristics for more details on the input/output alternate function characteristics (SDA and SCL). Notes: 1. Data based on standard I2C protocol requirement, not tested in production. 2. The device must internally provide a hold time of at least 300ns for the SDA signal in order to bridge the undefined region of the falling edge of SCL. 3. The maximum hold time of the START condition has only to be met if the interface does not stretch the low Table 34. I2C Characteristics Symbol Parameter Standard mode I2C Fast mode I2C5) Unit Min 1) Max 1) Min 1) Max 1) tw(SCLL) SCL clock low time 4.7 1.3 µs tw(SCLH) SCL clock high time 4.0 0.6 tsu(SDA) SDA setup time 250 100 ns th(SDA) SDA data hold time 0 3) 0 2) 900 3) tr(SDA) tr(SCL) SDA and SCL rise time 1000 20+0.1C b 300 tf(SDA) tf(SCL) SDA and SCL fall time 300 20+0.1C b 300 th(STA) START condition hold time 4.0 0.6 µs tsu(STA) Repeated START condition setup time 4.7 0.6 tsu(STO) STOP condition setup time 4.0 0.6 µs tw(STO:STA) STOP to START condition time (bus free) 4.7 1.3 µs Cb Capacitive load for each bus line 400 400 pF |