| 전자부품 데이터시트 검색엔진 |
|
STR710FZ1H6 데이터시트(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ1H6 데이터시트(HTML) 27 Page - STMicroelectronics |
|
27 / 77 page ![]() STR71xF System architecture 27/77 52 B7 P0.0/S0.MISO /U3.TX I/O pu CT 4mA X X Port 0.0 SPI0 Master in/Slave out data UART3 Transmit data output Note: Programming AF function selects UART by default. BSPI must be enabled by SPI_EN bit in the BOOTCR register. 53 B6 P0.1/S0.MOSI /U3.RX I/O pu CT X4mA X X Port 0.1 BSPI0: Master out/Slave in data UART3: Receive Data input Note: Programming AF function selects UART by default. BSPI must be enabled by SPI_EN bit in the BOOTCR register. 54 A5 P0.2/S0.SCLK /I1.SCL I/O pu CT X4mA X X Port 0.2 BSPI0: Serial Clock I2C1: Serial clock Note: Programming AF function selects I2C by default. BSPI must be enabled by SPI_EN bit in the BOOTCR register. 55 C6 P0.3/S0.SS/I1 .SDA I/O pu CT 4mA X X Port 0.3 SPI0: Slave Select input active low. I2C1: Serial Data Note: Programming AF function selects I2C by default. BSPI must be enabled by SPI_EN bit in the BOOTCR register. 56 B5 P0.4/S1.MISO I/O pu CT 4mA X X Port 0.4 SPI1: Master in/Slave out data 57 A4 VSS18 S Stabilization for main voltage regulator. 58 C5 V18 S Stabilization for main voltage regulator. Requires external capacitors of at least 10µF + 33nF between V18 and VSS18. See Figure 5. 59 B4 VSS S Ground voltage for digital I/Os 60 A3 P0.5/S1.MOSI I/O pu CT 4mA X X Port 0.5 SPI1: Master out/Slave In data 61 D5 P0.6/S1.SCLK I/O pu CT X 4mA X X Port 0.6 SPI1: Serial Clock 62 B3 P0.7/S1.SS I/O pu CT 4mA X X Port 0.7 SPI1: Slave Select input active low Table 6. STR711/STR712/STR715 pin description Pin n° Pin Name Input Output Main function (after reset) Alternate function |