| 전자부품 데이터시트 검색엔진 |
|
STR710FZ1H6 데이터시트(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ1H6 데이터시트(HTML) 26 Page - STMicroelectronics |
|
26 / 77 page ![]() System architecture STR71xF 26/77 36 G7 P1.5/T1.ICAP B I/O pu CT 4mA X X Port 1.5 Timer 1: Input Capture B 37 F7 P1.6/T1.OCM PB I/O pu CT 4mA X X Port 1.6 Timer 1: Output Compare B 38 E8 V33IO-PLL S Supply voltage for digital I/O circuitry and for PLL reference2) 39 F6 VSSIO-PLL S Ground voltage for digital I/O circuitry and for PLL reference2) 40 E7 P1.7/T1.OCM PA I/O pu CT 4mA X X Port 1.7 Timer 1: Output Compare A 41 D8 P1.8 I/O pd CT 4mA X X Port 1.8 42 E6 P1.11/CANRX I/O pu CT X4mA X X Port 1.11 CAN: receive data input Note: On STR710 and STR712 only 43 D7 P1.12/CANTX I/O pu CT 4mA X X Port 1.12 CAN: Transmit data output Note: On STR710 and STR712 only 42 E6 USBDP I/O CT USB bidirectional data (data +). Reset state = HiZ Note: On STR710 and STR711 only This pin requires an external pull-up to V33 to maintain a high level. 43 D7 USBDN I/O CT USB bidirectional data (data -). Reset state = HiZ Note: On STR710 and STR711 only. 44 C8 VSS S Ground voltage for digital I/O circuitry2) 45 E5 P1.9 I/O pd CT 4mA X X Port 1.9 46 C7 P1.10/USBCL K I/O pd C/ T 4mA X X Port 1.10 USB: 48 MHZ clock input 47 D6 P1.13/HCLK/I 0.SCL I/O pd CT X4mA X X Port 1.13 HDLC: reference clock input I2C clock 48 B8 P1.14/HRXD/I 0.SDA I/O pu CT X4mA X X Port 1.14 HDLC: Receive data input I2C serial data 49 A8 P1.15/HTXD I/O pu CT 4mA X X Port 1.15 HDLC: Transmit data output 50 A7 VSS S Ground voltage for digital I/O circuitry2) 51 A6 V33 S Supply voltage for digital I/O circuitry2) Table 6. STR711/STR712/STR715 pin description Pin n° Pin Name Input Output Main function (after reset) Alternate function |