전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATM2400C 데이터시트(PDF) 4 Page - Bookham, Inc.

부품명 ATM2400C
상세설명  2.5Gb/s APD preamp Mini-DIL receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOOKHAM [Bookham, Inc.]
홈페이지  
Logo BOOKHAM - Bookham, Inc.

ATM2400C 데이터시트(HTML) 4 Page - Bookham, Inc.

  ATM2400C Datasheet HTML 1Page - Bookham, Inc. ATM2400C Datasheet HTML 2Page - Bookham, Inc. ATM2400C Datasheet HTML 3Page - Bookham, Inc. ATM2400C Datasheet HTML 4Page - Bookham, Inc. ATM2400C Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
4
Pin Out
Pin #
Symbol
Description
1V
APD
APD supply voltage (+ve)
2
GND
Case ground
3
OUT_P
Data out +ve
4
GND
Case ground
5R
TH
Thermistor
6
OUT_N
Data out -ve
7
GND
Case ground
8
V
CC
Power supply (+ve)
Schematic Diagram



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com