전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATM2400C 데이터시트(PDF) 1 Page - Bookham, Inc.

부품명 ATM2400C
상세설명  2.5Gb/s APD preamp Mini-DIL receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOOKHAM [Bookham, Inc.]
홈페이지  
Logo BOOKHAM - Bookham, Inc.

ATM2400C 데이터시트(HTML) 1 Page - Bookham, Inc.

  ATM2400C Datasheet HTML 1Page - Bookham, Inc. ATM2400C Datasheet HTML 2Page - Bookham, Inc. ATM2400C Datasheet HTML 3Page - Bookham, Inc. ATM2400C Datasheet HTML 4Page - Bookham, Inc. ATM2400C Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
1
This product is a high sensitivity optical receiver optimized for
OC-48 optical transport systems. The high sensitivity
performance given by the avalanche photodiode (APD) and
preamp make the product ideal for maximizing unamplified
transmission distances. The receiver supports FEC data rates
up to 2.7Gb/s. The DC component cancellation function
offered by the preamp allows the product to operate error free
under high input power conditions. The receiver contains an
APD, a low noise preamplifier, a precision thermistor and a
single-mode connectorized fiber pigtail, all housed in an
industry-standard Mini-DIL package.
Features:
• High sensitivity, -34dBm typical
• Better than 0dBm overload
• Industry-standard Mini-DIL package footprint
• Differential data outputs
• -40°C to +85°C maximum operating
temperature range
• RoHS 5/6 compliant
Applications:
• OC-48 Optical transport Systems
• OC-48 DWDM Metro and Long Haul Systems
• STM-16 SDH or OC-48 SONET Systems
2.5Gb/s APD preamp Mini-DIL receiver
ATM2400C


유사한 부품 번호 - ATM2400C

제조업체부품명데이터시트상세설명
logo
AZ Displays
ATM2412B AZDISPLAYS-ATM2412B Datasheet
239Kb / 15P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FL-YFW AZDISPLAYS-ATM2412B-FL-YFW Datasheet
239Kb / 15P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FL-YFW-M AZDISPLAYS-ATM2412B-FL-YFW-M Datasheet
239Kb / 15P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FLW-FFW AZDISPLAYS-ATM2412B-FLW-FFW Datasheet
239Kb / 15P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FLW-FFW-M AZDISPLAYS-ATM2412B-FLW-FFW-M Datasheet
239Kb / 15P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

유사한 설명 - ATM2400C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FRM5N143DS ETC1-FRM5N143DS Datasheet
1Mb / 7P
InGaAs-APD/Preamp Receiver
logo
Eudyna Devices Inc
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5N141GT EUDYNA-FRM5N141GT Datasheet
309Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
InGaAs-APD/Preamp Receiver
FRM5W232FY EUDYNA-FRM5W232FY Datasheet
127Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5W232HY EUDYNA-FRM5W232HY Datasheet
262Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5W232LY EUDYNA-FRM5W232LY Datasheet
128Kb / 4P
InGaAs-APD/Preamp Receiver
logo
Bookham, Inc.
AT3SGCC BOOKHAM-AT3SGCC Datasheet
148Kb / 5P
2.5Gb/s High Sensitivity coplanar APD preamp receiver
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com