전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATM2400C 데이터시트(PDF) 2 Page - Bookham, Inc.

부품명 ATM2400C
상세설명  2.5Gb/s APD preamp Mini-DIL receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOOKHAM [Bookham, Inc.]
홈페이지  
Logo BOOKHAM - Bookham, Inc.

ATM2400C 데이터시트(HTML) 2 Page - Bookham, Inc.

  ATM2400C Datasheet HTML 1Page - Bookham, Inc. ATM2400C Datasheet HTML 2Page - Bookham, Inc. ATM2400C Datasheet HTML 3Page - Bookham, Inc. ATM2400C Datasheet HTML 4Page - Bookham, Inc. ATM2400C Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
2
Operating characteristics
Parameter
Symbol
Measurement
Min
Typ
Max
Unit
Conditions
APD breakdown voltage
V
br
I
d=10µA
50
65
V
APD temperature coefficient
TV
br
0.09
0.1
0.12
V/°C
of breakdown voltage
Differential Transimpedance
Z
T
I
ph = 40µA mean
2.8
3.5
4.5
k
gain
Bandwidth
[1]
S
21
-3dB from 100MHz
1.7
2.0
GHz
Lower cut-off frequency
[1]
S
21
-3dB from 100MHz
50
kHz
APD sensitivity over
2.5Gb/s, 223-1 PRBS,
-32
-33.5
dBm
temperature
extinction ratio = 15dB
BER < 1x10-10
-5°C to +70°C case
APD sensitivity
2.5Gb/s, 223-1 PRBS
-34
dBm
extinction ratio = 15dB
BER < 1x10-10 25°C case
APD overload over
P
sat
2.5Gb/s, 223-1 PRBS,
-3
+1
dBm
temperature
extinction ratio 15dB
1x10-10 BER, M=3
-5°C to +70°C case
Output voltage swing
V
OUT
Peak-to-peak differential
220
280
400
mV
at overload
Optical return loss
ORL
30
dB
Power supply current
I
CC
28
45
mA
Power supply voltage
V
CC
3.0
3.3
3.6
V
Output return loss
S
22
10
dB
up to 1.8GHz
Output return loss
S
22
5dB
up to 3.0GHz
Thermistor resistance
R
TH
Beta constant = 3950
10
k
All parameters are measured with outputs 50 Ohm AC coupled,
specified at a case temperature of 25°C unless otherwise stated.
Optical wavelength between 1525-1575nm. Data to 1610nm
available on request.
Note:
[1] Pin = 30dBm, M = 10.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com