전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EN25F20-100VIP 데이터시트(PDF) 20 Page - Eon Silicon Solution Inc.

부품명 EN25F20-100VIP
상세설명  2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EON [Eon Silicon Solution Inc.]
홈페이지  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F20-100VIP 데이터시트(HTML) 20 Page - Eon Silicon Solution Inc.

Back Button EN25F20-100VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 21Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 22Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
20
EN25F20
Rev. B, Issue Date: 2007/05/15
Figure 19. Read Identification (RDID)
Enter OTP Mode (3Ah)
This Flash has a extra 256 bytes OTP sector, user must issue ENTER OTP MODE command to enter
OTP mode before reading / programming or erasing OTP sector. After entering OTP mode, the OTP
sector is mapping to sector 63, SRP bit becomes OTP_LOCK bit and can be reading by RDSR command.
Program / Erase command will be disabled when OTP_LOCK is ‘1’
WRSR command will ignore the input data and program LOCK_BIT to 1.
User must clear the protect bits before enter OTP mode.
OTP sector can only be program and erase when LOCK_BIT equal ‘0’ and sector 63 not protected. In
OTP mode, user can read other sectors, but program/erase other sectors only allowed when OTP_LOCK
equal ‘0’.
User can use WRDI (04H) command to exit OTP mode.
Figure 20. Enter OTP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31