전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EN25F20-100VIP 데이터시트(PDF) 15 Page - Eon Silicon Solution Inc.

부품명 EN25F20-100VIP
상세설명  2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EON [Eon Silicon Solution Inc.]
홈페이지  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F20-100VIP 데이터시트(HTML) 15 Page - Eon Silicon Solution Inc.

Back Button EN25F20-100VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
15
EN25F20
Rev. B, Issue Date: 2007/05/15
Block Erase (BE) (D8h/52h)
The Block Erase (BE) instruction sets to 1 (FFh) all bits inside the chosen block. Before it can be accepted,
a Write Enable (WREN) instruction must previously have been executed. After the Write Enable (WREN)
instruction has been decoded, the device sets the Write Enable Latch (WEL).
The Block Erase (BE) instruction is entered by driving Chip Select (CS#) Low, followed by the instruction
code, and three address bytes on Serial Data Input (DI). Any address inside the Block (see Table 2) is a
valid address for the Block Erase (BE) instruction. Chip Select (CS#) must be driven Low for the entire
duration of the sequence.
The instruction sequence is shown in Figure 13.. Chip Select (CS#) must be driven High after the eighth
bit of the last address byte has been latched in, otherwise the Block Erase (BE) instruction is not executed.
As soon as Chip Select (CS#) is driven High, the self-timed Block Erase cycle (whose duration is tSE) is
initiated. While the Block Erase cycle is in progress, the Status Register may be read to check the value of
the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Block Erase
cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write
Enable Latch (WEL) bit is reset.
A Block Erase (BE) instruction applied to a block which is protected by the Block Protect (BP1, BP0) bits
(see Table 3) is not executed.
Figure 13 Block Erase Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31