| 전자부품 데이터시트 검색엔진 |
|
EN25F20-100VIP 데이터시트(PDF) 4 Page - Eon Silicon Solution Inc. |
|
|
|||||||||||||||||||||||||||||
EN25F20-100VIP 데이터시트(HTML) 4 Page - Eon Silicon Solution Inc. |
|
4 / 31 page ![]() This Data Sheet may be revised by subsequent versions ©2004 Eon Silicon Solution, Inc., www.essi.com.tw or modifications due to changes in technical specifications. 4 EN25F20 Rev. B, Issue Date: 2007/05/15 MEMORY ORGANIZATION The memory is organized as: 262,144 bytes Uniform Sector Architecture 4 blocks of 64-Kbyte 64 sectors of 4-Kbyte 1024 pages (256 bytes each) Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector, Block or Chip Erasable but not Page Erasable. Table 2. Uniform Block Sector Architecture Block Sector Address range 63 03F000h 03FFFFh 3 48 030000h 030FFFh 47 02F000h 02FFFFh 2 32 020000h 020FFFh 31 01F000h 01FFFFh 1 16 010000h 010FFFh 15 00F000h 00FFFFh 4 004000h 004FFFh 3 003000h 003FFFh 2 002000h 002FFFh 1 001000h 001FFFh 0 0 000000h 000FFFh OPERATING FEATURES SPI Modes The EN25F20 is accessed through an SPI compatible bus consisting of four signals: Serial Clock (CLK), Chip Select (CS#), Serial Data Input (DI) and Serial Data Output (DO). Both SPI bus operation Modes 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and Mode 3, as shown in Figure 3, concerns the normal state of the SCK signal when the SPI bus master is in standby and data is not being transferred to the Serial Flash. For Mode 0 the SCK signal is normally low. For Mode 3 the SCK signal is normally high. In either case data input on the DI pin is sampled on the rising edge of the SCK. Data output on the DO pin is clocked out on the falling edge of SCK. |