전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 635 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 635 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 631Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 632Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 633Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 634Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 635Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 636Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 637Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 638Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 639Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 635 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
635
Figure 17-22. BDMGPR Address Mapping
17.4.2.3
Implemented Memory Map
The global memory spaces reserved for the internal resources (RAM, EEPROM, and FLASH) are not
determined by the MMC module. Size of the individual internal resources are however fixed in the design
of the device cannot be changed by the user. Please refer to the Device User Guide for further details.
Figure 1-23 and Table 1-20 show the memory spaces occupied by the on-chip resources. Please note that
the memory spaces have fixed top addresses.
Table 17-19. Global Implemented Memory Space
Internal Resource
Bottom Address
Top Address
Registers
$00_0000
$00_07FF
RAM
$10_0000 minus RAMSIZE1
1 RAMSIZE is the hexadecimal value of RAM SIZE in bytes
$0F_FFFF
EEPROM
$14_0000 minus EEPROMSIZE2
2 EEPROMSIZE is the hexadecimal value of EEPROM SIZE in bytes
$13_FFFF
FLASH
$80_0000 minus FLASHSIZE3
3 FLASHSIZE is the hexadecimal value of FLASH SIZE in bytes
$7F_FFFF
Bit16
Bit0
Bit15
Bit22
BDM Local Address
BDMGPR Register [6:0]
Global Address [22:0]
Bit16
Bit0
Bit15
Bit22
CPU Local Address
BDMGPR Register [6:0]
Global Address [22:0]
BDM HARDWARE COMMAND
BDM FIRMWARE COMMAND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com