| 전자부품 데이터시트 검색엔진 |
|
PC912XDP512F0MPVR 데이터시트(PDF) 636 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0MPVR 데이터시트(HTML) 636 Page - Freescale Semiconductor, Inc |
|
636 / 1350 page ![]() Chapter 17 Memory Mapping Control (S12XMMCV2) MC9S12XDP512 Data Sheet, Rev. 2.17 636 Freescale Semiconductor When the device is operating in expanded modes except emulation single-chip mode, accesses to the global addresses which are not occupied by the on-chip resources (unimplemented areas or external space) result in accesses to the external bus (see Figure 1-23). In emulation single-chip mode, accesses to the global addresses which are not occupied by the on-chip resources (unimplemented areas) result in accesses to the external bus. CPU accesses to the global addresses which are occupied by the external space result in an illegal access reset (system reset). The BDM accesses to the external space are performed but the data is undefined. In single-chip modes an access to any of the unimplemented areas (see Figure 1-23) by the CPU (except firmware commands) results in an illegal access reset (system reset). The BDM accesses to the unimplemented areas are performed but the data is undefined. Misaligned word accesses to the last location (Top address) of any of the on-chip resource blocks (except RAM) by the CPU is performed in expanded modes. In single-chip modes these accesses (except Flash) result in an illegal access reset (except firmware commands). Misaligned word accesses to the last location (top address) of the on-chip RAM by the CPU is ignored in expanded modes (read of undefined data). In single-chip modes these accesses result in an illegal access reset (except firmware commands). No misaligned word access from the BDM module will occur. These accesses are blocked in the BDM (Refer to BDM Block Guide). Misaligned word accesses to the last location of any global page (64 Kbyte) by using global instructions, is performed by accessing the last byte of the page and the first byte of the same page, considering the above mentioned misaligned access cases. The non internal resources (unimplemented areas or external space) are used to generate the chip selects (CS0,CS1,CS2 and CS3) (see Figure 1-23), which are only active in normal expanded mode, emulation expanded mode, and special test mode (see Section 1.3.2.1, “MMC Control Register (MMCCTL0)”). Table 1-21 shows the address boundaries of each chip select and the relationship with the implemented resources (internal) parameters. Table 17-20. Global Chip Selects Memory Space Chip Selects Bottom Address Top Address CS3 $00_0800 $0F_FFFF minus RAMSIZE1 1 External RPAGE accesses in (NX, EX and ST) CS2 $10_0000 $13_FFFF minus EEPROMSIZE2 2 External EPAGE accesses in (NX, EX and ST) CS23 3 When ROMHM is set (see ROMHM in Table 1-19) the CS2 is asserted in the space occupied by this on-chip memory block. $14_0000 $1F_FFFF CS1 $20_0000 $3F_FFFF CS04 4 When the internal NVM is enabled (see ROMON in Section 1.3.2.5, “MMC Control Register (MMCCTL1)”) the CS0 is not asserted in the space occupied by this on-chip memory block. $40_0000 $7F_FFFF minus FLASHSIZE5 5 External PPAGE accesses in (NX, EX and ST) |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |