전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 723 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 723 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 719Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 720Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 721Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 722Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 723Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 724Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 725Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 726Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 727Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 723 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
723
Loop1 mode only inhibits consecutive duplicate source address entries that would typically be stored in
most tight looping constructs. It does not inhibit repeated entries of destination addresses or vector
addresses, since repeated entries of these would most likely indicate a bug in the user’s code that the DBG
module is designed to help find.
NOTE
In certain very tight loops, the source address will have already been fetched
again before the background comparator is updated. This results in the
source address being stored twice before further duplicate entries are
suppressed. This condition occurs with branch-on-bit instructions when the
branch is fetched by the first P-cycle of the branch or with loop-construct
instructions in which the branch is fetched with the first or second P cycle.
See examples below:
LOOP
INX
;1-byte instruction fetched by 1st P-cycle of BRCLR
BRCLR
CMPTMP,#$0c,LOOP
;the BRCLR instruction also will be fetched by 1st P-cycle
;of BRCLR
LOOP2
BRN*
; 2-byte instruction fetched by 1st P-cycle of DBNE
NOP
; 1-byte instruction fetched by 2nd P-cycle of DBNE
DBNE
A,LOOP2
; this instruction also fetched by 2nd P-cycle of DBNE
19.4.5.2.3
Detail Mode
In detail mode, address and data for all memory and register accesses is stored in the trace buffer. In the
case of XGATE tracing this means that initialization of the R1 register during a vector fetch is not traced.
This mode is intended to supply additional information on indexed, indirect addressing modes where
storing only the destination address would not provide all information required for a user to determine
where the code is in error. This mode also features information byte storage to the trace buffer, for each
address byte storage. The information byte indicates the size of access (word or byte), the type of access
(read or write).
When tracing CPU activity in detail mode, all cycles are traced except those when the CPU is either in a
free or opcode fetch cycle. In this mode the XGATE program counter is also traced to provide a snapshot
of the XGATE activity. CXINF information byte bits indicate the type of XGATE activity occurring at the
time of the trace buffer entry. When tracing CPU activity alone in detail mode, the address range can be
limited to a range specified by the TRANGE bits in DBGTCR. This function uses comparators C and D
to define an address range inside which CPU activity should be traced (see Table 19-10). Thus, the traced
CPU activity can be restricted to register range accesses.
When tracing XGATE activity in detail mode, all cycles apart from opcode fetch and free cycles are stored
to the trace buffer. Additionally the CPU program counter is stored at the time of the XGATE trace buffer
entry to provide a snapshot of CPU activity.
19.4.5.3
Trace Buffer Organization
The buffer can be used to trace either from CPU, from XGATE or from both sources. An “X” prefix
denotes information from the XGATE module, a “C” prefix denotes information from the CPU.
ADRH,ADRM,ADRL denote address high, middle and low byte respectively. INF bytes contain control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com