| 전자부품 데이터시트 검색엔진 |
|
PC912XDP512F0MPVR 데이터시트(PDF) 724 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0MPVR 데이터시트(HTML) 724 Page - Freescale Semiconductor, Inc |
|
724 / 1350 page ![]() Chapter 19 Debug (S12XDBGV2) MC9S12XDP512 Data Sheet, Rev. 2.17 724 Freescale Semiconductor information (R/W, S/D etc.). The numerical suffix indicates which tracing step. The information format for loop1 mode is the same as that of normal mode. Whilst tracing from XGATE or CPU only, in normal or loop1 modes each array line contains data from entries made at 2 separate times, thus in this case the DBGCNT[0] is incremented after each separate entry. In all other modes, DBGCNT[0] remains cleared while the other DBGCNT bits are incremented on each trace buffer entry. XGATE and S12X_CPU COFs occur independently of each other and the profile of COFs for the 2 sources is totally different. When both sources are being traced in Normal or Loop1 mode, for each single entry from one source, there may be many entries from the other source and vice versa, depending on user code. COF events could occur far from each other in the time domain, on consecutive cycles or simultaneously. If a COF occurs in one source only in a particular cycle, then the trace buffer bytes that are mapped to the other source are redundant. Info byte bit CDV/XDV indicates that no useful information is stored in these bytes. This is the typical case. Only in the rare event that both XGATE and S12X_CPU COF cycles coincide is a valid trace buffer entry for both made, corresponding to the first line for mode "Both Normal/Loop1" in Table 19-39. Single byte data accesses in detail mode are always stored to the low byte of the trace buffer (CDATAL or XDATAL) and the high byte is cleared. When tracing word accesses, the byte at the lower address is always stored to trace buffer byte3 and the byte at the higher address is stored to byte2 Table 19-39. Trace Buffer Organization Mode 8-Byte Wide Word Buffer 7 6 5 4 3 2 1 0 XGATE DETAIL CXINF1 CADRH1 CADRM1 CADRL1 XDATAH1 XDATAL1 XADRM1 XADRL1 CXINF2 CADRH2 CADRM2 CADRL2 XDATAH2 XDATAL2 XADRM2 XADRL2 CPU DETAIL CXINF1 CADRH1 CADRM1 CADRL1 CDATAH1 CDATAL1 XADRM1 XADRL1 CXINF2 CADRH2 CADRM2 CADRL2 CDATAH2 CDATAL2 XADRM2 XADRL2 Both NORMAL / LOOP1 XINF0 XADRM0 XADRL0 CINF0 CADRH0 CADRM0 CADRL0 1XINF1 1 COF in CPU only. XGATE trace buffer entries in this tracing step are invalid CINF1 CADRH1 CADRM1 CADRL1 2XINF2 2 COF in XGATE only. CPU trace buffer entries in this tracing step are invalid XADRM2 XADRL2 CINF2 XGATE NORMAL / LOOP1 XINF1 XADRM1 XADRL1 XINF0 XADRM0 XADRL0 XINF3 XADRM3 XADRL3 XINF2 XADRM2 XADRL2 CPU NORMAL / LOOP1 CINF1 CADRH1 CADRM1 CADRL1 CINF0 CADRH0 CADRM0 CADRL0 CINF3 CADRH3 CADRM3 CADRL3 CINF2 CADRH2 CADRM2 CADRL2 |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |