전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1062 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1062 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1058Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1059Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1060Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1061Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1062Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1063Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1064Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1065Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1066Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1062 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1062
Freescale Semiconductor
25.4.2.4
Mass Erase Command
The mass erase operation will erase all addresses in an EEPROM block using an embedded algorithm.
An example flow to execute the mass erase operation is shown in Figure 25-21. The mass erase command
write sequence is as follows:
1. Write to an EEPROM memory address to start the command write sequence for the mass erase
command. The address and data written will be ignored.
2. Write the mass erase command, 0x41, to the ECMD register.
3. Clear the CBEIF flag in the ESTAT register by writing a 1 to CBEIF to launch the mass erase
command.
If the EEPROM memory to be erased contains any protected area, the PVIOL flag in the ESTAT register
will set and the mass erase command will not launch. Once the mass erase command has successfully
launched, the CCIF flag in the ESTAT register will set after the mass erase operation has completed unless
a new command write sequence has been buffered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com