전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1064 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1064 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1060Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1061Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1062Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1063Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1064Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1065Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1066Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1067Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1068Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1064 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1064
Freescale Semiconductor
25.4.2.5
Sector Erase Abort Command
The sector erase abort operation will terminate the active sector erase or sector modify operation so that
other sectors in an EEPROM block are available for read and program operations without waiting for the
sector erase or sector modify operation to complete.
An example flow to execute the sector erase abort operation is shown in Figure 25-22. The sector erase
abort command write sequence is as follows:
1. Write to any EEPROM memory address to start the command write sequence for the sector erase
abort command. The address and data written are ignored.
2. Write the sector erase abort command, 0x47, to the ECMD register.
3. Clear the CBEIF flag in the ESTAT register by writing a 1 to CBEIF to launch the sector erase abort
command.
If the sector erase abort command is launched resulting in the early termination of an active sector erase
or sector modify operation, the ACCERR flag will set once the operation completes as indicated by the
CCIF flag being set. The ACCERR flag sets to inform the user that the EEPROM sector may not be fully
erased and a new sector erase or sector modify command must be launched before programming any
location in that specific sector. If the sector erase abort command is launched but the active sector erase or
sector modify operation completes normally, the ACCERR flag will not set upon completion of the
operation as indicated by the CCIF flag being set. If the sector erase abort command is launched after the
sector modify operation has completed the sector erase step, the program step will be allowed to complete.
The maximum number of cycles required to abort a sector erase or sector modify operation is equal to four
EECLK periods (see Section 25.4.1.1, “Writing the ECLKDIV Register”) plus five bus cycles as measured
from the time the CBEIF flag is cleared until the CCIF flag is set.
NOTE
Since the ACCERR bit in the ESTAT register may be set at the completion
of the sector erase abort operation, a command write sequence is not
allowed to be buffered behind a sector erase abort command write sequence.
The CBEIF flag will not set after launching the sector erase abort command
to indicate that a command should not be buffered behind it. If an attempt is
made to start a new command write sequence with a sector erase abort
operation active, the ACCERR flag in the ESTAT register will be set. A new
command write sequence may be started after clearing the ACCERR flag, if
set.
NOTE
The sector erase abort command should be used sparingly since a sector
erase operation that is aborted counts as a complete program/erase cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com