전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 111 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 107Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 108Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 109Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 110Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 111Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 112Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 113Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 114Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
111
2.4.3.3.2
Wake-up from Full Stop (PSTP = 0)
The MCU requires an external interrupt or an external reset in order to wake-up from stop-mode.
If the MCU gets an external reset during full stop mode active, the CRG asynchronously restores all
configuration bits in the register space to its default settings and will perform a maximum of 50 clock
check_windows (see Section 2.4.1.4, “Clock Quality Checker”). After completing the clock quality check
the CRG starts the reset generator. After completing the reset sequence processing begins by fetching the
normal reset vector. Full stop-mode is left and the MCU is in run mode again.
If the MCU is woken-up by an interrupt and the fast wake-up feature is disabled (FSTWKP = 0 or
SCME = 0), the CRG will also perform a maximum of 50 clock check_windows (see Section 2.4.1.4,
“Clock Quality Checker”). If the clock quality check is successful, the CRG will release all system and
core clocks and will continue with normal operation. If all clock checks within the Timeout-Window are
failing, the CRG will switch to self-clock mode or generate a clock monitor reset (CMRESET) depending
on the setting of the SCME bit.
If the MCU is woken-up by an interrupt and the fast wake-up feature is enabled (FSTWKP = 1 and
SCME = 1), the system will immediately resume operation in self-clock mode (see Section 2.4.1.4, “Clock
Quality Checker”). The SCMIF flag will not be set. The system will remain in self-clock mode with
oscillator disabled until FSTWKP bit is cleared. The clearing of FSTWKP will start the oscillator and the
clock quality check. If the clock quality check is successful, the CRG will switch all system clocks to
oscillator clock. The SCMIF flag will be set. See application examples in Figure 2-23 and Figure 2-24.
Because the PLL has been powered-down during stop-mode the PLLSEL bit is cleared and the MCU runs
on OSCCLK after leaving stop-mode. The software must manually set the PLLSEL bit again, in order to
switch system and core clocks to the PLLCLK.
NOTE
In full stop mode or self-clock mode caused by the fast wake-up feature, the
clock monitor and the oscillator are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com