전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 113 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 109Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 110Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 111Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 112Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 113Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 114Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 115Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 116Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
113
2.5
Resets
This section describes how to reset the CRG, and how the CRG itself controls the reset of the MCU. It
explains all special reset requirements. Since the reset generator for the MCU is part of the CRG, this
section also describes all automatic actions that occur during or as a result of individual reset conditions.
The reset values of registers and signals are provided in Section 2.3, “Memory Map and Register
Definition”. All reset sources are listed in Table 2-14. Refer to MCU specification for related vector
addresses and priorities.
2.5.1
Description of Reset Operation
The reset sequence is initiated by any of the following events:
•
Low level is detected at the RESET pin (external reset)
•
Power on is detected
•
Low voltage is detected
•
Illegal Address Reset is detected (see S12XMMC Block Guide for details)
•
COP watchdog times out
•
Clock monitor failure is detected and self-clock mode was disabled (SCME=0)
Upon detection of any reset event, an internal circuit drives the RESET pin low for 128 SYSCLK cycles
(see Figure 2-25). Since entry into reset is asynchronous, it does not require a running SYSCLK. However,
the internal reset circuit of the CRG cannot sequence out of current reset condition without a running
SYSCLK. The number of 128 SYSCLK cycles might be increased by n = 3 to 6 additional SYSCLK cycles
depending on the internal synchronization latency. After 128 + n SYSCLK cycles the RESET pin is
released. The reset generator of the CRG waits for additional 64 SYSCLK cycles and then samples the
RESET pin to determine the originating source. Table 2-15 shows which vector will be fetched.
Table 2-14. Reset Summary
Reset Source
Local Enable
Power on Reset
None
Low Voltage Reset
None
External Reset
None
Illegal Address Reset
None
Clock Monitor Reset
PLLCTL (CME = 1, SCME = 0)
COP Watchdog Reset
COPCTL (CR[2:0] nonzero)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com