전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 159 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 155Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 156Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 157Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 158Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 159Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 160Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 161Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 162Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
159
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
5.1
Introduction
The ATD10B8C is an 8-channel, 10-bit, multiplexed input successive approximation analog-to-digital
converter. Refer to device electrical specifications for ATD accuracy.
5.1.1
Features
•
8/10-bit resolution
•7
µsec, 10-bit single conversion time
•
Sample buffer amplifier
•
Programmable sample time
•
Left/right justified, signed/unsigned result data
•
External trigger control
•
Conversion completion interrupt generation
•
Analog input multiplexer for 8 analog input channels
•
Analog/digital input pin multiplexing
•
1-to-8 conversion sequence lengths
•
Continuous conversion mode
•
Multiple channel scans
•
Configurable external trigger functionality on any AD channel or any of four additional external
trigger inputs. The four additional trigger inputs can be chip external or internal. Refer to the device
overview chapter for availability and connectivity.
•
Configurable location for channel wrap around (when converting multiple channels in a sequence).
5.1.2
Modes of Operation
5.1.2.1
Conversion Modes
There is software programmable selection between performing single or continuous conversion on a single
channel or multiple channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com