전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 160 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 160 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 156Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 157Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 158Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 159Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 160Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 161Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 162Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 163Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 164Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 1350 page
background image
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
160
Freescale Semiconductor
5.1.2.2
MCU Operating Modes
•
Stop mode
Entering stop mode causes all clocks to halt and thus the system is placed in a minimum power
standby mode. This aborts any conversion sequence in progress. During recovery from stop mode,
there must be a minimum delay for the stop recovery time tSR before initiating a new ATD
conversion sequence.
•
Wait mode
Entering wait mode the ATD conversion either continues or aborts for low power depending on the
logical value of the AWAIT bit.
•
Freeze mode
In freeze mode the ATD will behave according to the logical values of the FRZ1 and FRZ0 bits.
This is useful for debugging and emulation.
5.1.3
Block Diagram
Figure 5-1 shows a block diagram of the ATD.
5.2
External Signal Description
This section lists all inputs to the ATD block.
5.2.1
ANx (x = 7, 6, 5, 4, 3, 2, 1, 0) — Analog Input Pin
This pin serves as the analog input channel x. It can also be configured as general purpose digital port pin
and/or external trigger for the ATD conversion.
5.2.2
ETRIG3, ETRIG2, ETRIG1, and ETRIG0 — External Trigger Pins
These inputs can be configured to serve as an external trigger for the ATD conversion.
Refer to the device overview chapter for availability and connectivity of these inputs.
5.2.3
VRH and VRL — High and Low Reference Voltage Pins
VRH is the high reference voltage and VRL is the low reference voltage for ATD conversion.
5.2.4
VDDA and VSSA — Power Supply Pins
These pins are the power supplies for the analog circuitry of the ATD block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com