전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIN6310BBCZ 데이터시트(PDF) 82 Page - Analog Devices

부품명 ADIN6310BBCZ
상세설명  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIN6310BBCZ 데이터시트(HTML) 82 Page - Analog Devices

Back Button ADIN6310BBCZ Datasheet HTML 78Page - Analog Devices ADIN6310BBCZ Datasheet HTML 79Page - Analog Devices ADIN6310BBCZ Datasheet HTML 80Page - Analog Devices ADIN6310BBCZ Datasheet HTML 81Page - Analog Devices ADIN6310BBCZ Datasheet HTML 82Page - Analog Devices ADIN6310BBCZ Datasheet HTML 83Page - Analog Devices ADIN6310BBCZ Datasheet HTML 84Page - Analog Devices ADIN6310BBCZ Datasheet HTML 85Page - Analog Devices ADIN6310BBCZ Datasheet HTML 86Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
LAYOUT GUIDELINES
analog.com
Rev. A | 82 of 86
►
Avoid crossover of the signals where possible. Avoid stubs on all
signal traces.
►
Route traces over a continuous reference plane with no interrup-
tions to reduce inductance.
►
It is recommended to route traces on the same layer.
The switch provides user programmability to adjust the drive current
of the RGMII pins to help improve signal integrity and minimize
ringing. Alternatively, series termination resistors can be placed
on all RGMII pins if further tuning is required. When event series
termination resistors are used, place these resistors close to the
output pins on each side.
SGMII
The SGMII is a serial interface using two differential pairs to transfer
information between the switch and SFP or host, using less pins
and requiring less routing and traces compared to the RMII and
RGMII. The SGMII transmits at 1.25 Gbps and requires external AC
coupling with 0.1 μF capacitors (typically included in the SFP mod-
ules). The SGMII is available on Port 1 to Port 4 of the ADIN6310
and Port 1 to Port 2 of the ADIN3310. The interface is capable of
10 Mbps, 100 Mbps, and 1 Gbps full duplex communication with
autonegotiation or forced modes. The SGMII pins can be connected
to an SFP transceiver for fiber communication or over a backplane.
The SGMII lines are differential and must be length matched to
connector to within 50 mils. Also ensure the following:
►
Route the Px_STxP and Px_STxN and Px_SRxP and Px_SRxN
signal traces as 100 Ω differential line route signals in homoge-
nous internal layers using buried and blind vias. Keep impedan-
ces constant throughout because any discontinuities can affect
signal integrity.
►
Co-planar routing is recommended—stitch vias on the ground
shield on both sides of the traces or use a ground pour.
►
Keep routing lengths short and avoid stubs.
►
Each pair must be routed in parallel and on the same layer, with
trace widths kept the same throughout and length matched to
within 50 mil.
►
Avoid any right angles on these traces (use curves in traces or
45° angles).
►
Avoid crossing of differential traces with other lines and among
each other. Place the components such that crossing of differen-
tial pairs is not necessary.
►
Route differential pairs without vias if possible. In the case of
signal transition from layer to layer, provide a symmetrical GND
via adjacent to the signal via.
►
Components or vias on the differential pair must be symmetrical.
►
Where possible, ensure that a solid return paths are underneath
all signal traces. Avoid routing signal traces across plane splits.
Figure 64. Things to Avoid when Routing Differential Pairs
MDIO
The switch has a controller MDC or MDIO interface that is a 2-wire
bus used to manage the control and status of the external Ethernet
PHYs connected to the switch MAC interfaces. The MDIO signal
line must have a 1.5 kΩ pull-up resistor to the VDDIO_x line.
Length match the MDIO interface traces to within 100 mils.
SPI
The switch contains a synchronous SPI-compatible interface that
can be optionally used as the host interface. The SPI port supports
32-bit data transfers, is a target interface, and can be configured as
a standard SPI, dual SPI, or quad SPI. Length match SPI traces to
within 100 mils.
Power and Ground Plane
For the best high-frequency decoupling, ensure that the power and
return planes are not more than 3 mils to 4 mils apart. Closer is the
better for low inductance connections and interplane capacitance.
Also, ensure that the following is done:
►
Avoid overlapping power planes.
►
Avoid routing power planes on the edge of the board.
►
Avoid routing power planes like traces, and use planes.
Isolation Guidelines—RJ45 Layout
For better electomagnetic interference (EMI) performance consider
using an inbuilt common-mode choke (CMC), 12-core magnetic
RJ45 connector connected to the Ethernet PHY and provide a
high decoupling connection between the digital GND return and the
chassis GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com