전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIN6310BBCZ 데이터시트(PDF) 83 Page - Analog Devices

부품명 ADIN6310BBCZ
상세설명  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIN6310BBCZ 데이터시트(HTML) 83 Page - Analog Devices

Back Button ADIN6310BBCZ Datasheet HTML 78Page - Analog Devices ADIN6310BBCZ Datasheet HTML 79Page - Analog Devices ADIN6310BBCZ Datasheet HTML 80Page - Analog Devices ADIN6310BBCZ Datasheet HTML 81Page - Analog Devices ADIN6310BBCZ Datasheet HTML 82Page - Analog Devices ADIN6310BBCZ Datasheet HTML 83Page - Analog Devices ADIN6310BBCZ Datasheet HTML 84Page - Analog Devices ADIN6310BBCZ Datasheet HTML 85Page - Analog Devices ADIN6310BBCZ Datasheet HTML 86Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
SILICON ANOMALY
analog.com
Rev. A | 83 of 86
This anomaly list describes the known bugs, anomalies, and workarounds for the switch.
Analog Devices is committed, through future silicon revisions, to continuously improving silicon functionality. Analog Devices tries to ensure
that these future silicon revisions remain compatible with your present software and systems by implementing the recommended workarounds
outlined within this section.
Table 35. Functionality Issues
Silicon Revision Identifier
Silicon Status
Anomaly Sheet
Number of Reported Anomalies
B1/U3
Released
0
7
Table 36. Statistic Counters for Per Stream Filtering and Policing Function (Qci)
Background
Statistic counters gathered for debugging and diagnostic purposes are not presented per the 802.1Qci specification.
Issue
Statistic counters not provided per the IEEE 802.1Q specification. This issue does not impact operation of the filter, gate, or flow meter
function or proper flow of the traffic across switch.
Stream filter: statistic counters (0 to 31) are indexed by StreamID, instead of the stream filter ID. Because there can be multiple stream
filters associated with a stream ID, therefore, multiple stream filters could increment the same counters.
Stream gate: statistic counters are indexed by their own identifiers (0 to 15) instead of the active stream filter (0 to 31).
Flow meter: statistics are indexed by their own identifiers (0 to 7) instead of the active stream filter (0 to 31).
Implications: stream gate and flow meter statistics are not linked to the active filter. In addition, there are fewer counter entries available for
both.
Workaround
None.
Related Issues
None.
Table 37. PRP Function Handling of Traffic in a Misconfigured Network (Wrong LAN Connections)
Background
In PRP mode, if a port receives a frame with a PRP RCT tag with a wrong LAN ID, the switch increments the counter but incorrectly
performs a duplicate discard and strips the PRP trailer.
Issue
As a result, the host SAN receives only a single copy of the frame with the PRP RCT trailer removed, rather than two copies. Frames
arriving with a wrong LAN ID is a misconfiguration of the network. There are error counters in place to detect this condition and allow the
host to handle it accordingly.
Workaround
Error counters are available for the host to manage this situation at the application level.
Related Issues
None.
Table 38. PRP Traffic with Wrong LSDU Size in the PRP Tag Gets Dropped
Background
PRP frames with wrong LSDU size is dropped.
Issue
IEC 62439-3:2021 Section 4.2.7.5.1 and Section 4.2.7.5.3 indicate frames with the wrong LSDU size in the PRP tag are to be forwarded to
the upper layers. If a peer device transmits PRP frames with the wrong LSDU size in the PRP tag, the switch configured as a PRP DANP
or PRP RedBox device drops those frames to the host processor and locally attached SANs as long as those frames arrive within the age
out time (that is, lreDupListResideMax).
Workaround
None.
Related Issues
None.
Table 39. FRER Frame Without CB Tag Is Modified by the Transmit Transform
Background
Frames matching the stream entry with no CB-tag gets corrupted.
Issue
Applying a sequence recovery to a frame that has no CB-tag results in the frame getting corrupted. This scenario is not expected in
a properly configured FRER network because identified frames have an existing CB-tag. The ingressing frame must match an existing
stream entry with a transmit transform to remove the CB-tag. In the event such an untagged frame arrives and matches a stream entry,
the switch forwards the tagless frame, and increases the packet and encoding error counts; however, the Ethertype gets corrupted, and six
bytes are removed from the end of the frame.
Workaround
None.
Related Issues
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com