전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIN6310BBCZ 데이터시트(PDF) 12 Page - Analog Devices

부품명 ADIN6310BBCZ
상세설명  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIN6310BBCZ 데이터시트(HTML) 12 Page - Analog Devices

Back Button ADIN6310BBCZ Datasheet HTML 8Page - Analog Devices ADIN6310BBCZ Datasheet HTML 9Page - Analog Devices ADIN6310BBCZ Datasheet HTML 10Page - Analog Devices ADIN6310BBCZ Datasheet HTML 11Page - Analog Devices ADIN6310BBCZ Datasheet HTML 12Page - Analog Devices ADIN6310BBCZ Datasheet HTML 13Page - Analog Devices ADIN6310BBCZ Datasheet HTML 14Page - Analog Devices ADIN6310BBCZ Datasheet HTML 15Page - Analog Devices ADIN6310BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
SPECIFICATIONS
analog.com
Rev. A | 12 of 86
Table 1. Electrical Characteristics1 (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Crystal Oscillator RMS Jitter
1.8
ps
Clock Input Frequency (CLK_IN)
25
MHz
Requirements for external clock applied to XTAL_IN pin;
VDD3P3 voltage domain
Duty Cycle
40
60
%
Input Voltage Range
3.135
3.3
3.465
V
FLASH MEMORY
Endurance
10,000
Cycles
Data Retention
10
Years
TJ = 125°C
20
Years
TJ = 85°C
1 Specifications may be subject to change.
2 When all six ports operate at 1 Gbps, use a VDDIO_B supply voltage of 1.8 V or 2.5 V to minimize power consumption.
3 Enabling SendList on the ADIN3310 adds 15 mA to the VDDCORE current consumption.
4 Guaranteed by design.
5 minByteCnt represents the number of received bytes before a cut-through frame is queued for transmission. The purpose is to remove the latency jitter due to access time
in the lookup table. The default setting for minByteCnt = 0x20. For this specification, minByteCnt was reduced to 0x10 so that when the VLAN is received and the lookup
table provides the routing information, the frame is immediately queued for transmission. Using lower numbers can decrease latency and increase jitter.
6 Latency from the SGMII to SGMII port = SGMII Receive + Bridge Latency + SGMII Transmit. Latency from the SGMII to RGMII port = SGMII Receive + Bridge Latency.
Latency from the RGMII to SGMII port = Bridge Latency + SGMII Transmit.
7 Where load capacitance (CL) = ((C1 × C2)/(C1 + C2) + CSTRAY), where CSTRAY is the stray capacitance including routing and package parasitics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com