전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT123ADE4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74AHCT123ADE4
상세설명  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT123ADE4 데이터시트(HTML) 5 Page - Texas Instruments

  SN74AHCT123ADE4 Datasheet HTML 1Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 2Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 3Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 4Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 5Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN54AHCT123A, SN74AHCT123A
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SCLS420G – JUNE 1998 – REVISED APRIL 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TEST
TA = 25°C
SN54AHCT123A
SN74AHCT123A
UNIT
PARAMETER
FROM
TO
TEST
A
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
QQ
CL =15 pF
5.3*
10*
1*
13*
1
11
ns
tPHL
A or B
Q or Q
CL = 15 pF
5.3*
10*
1*
13*
1
11
ns
tPLH
CLR
QQ
CL =15 pF
7.7*
12*
1*
15*
1
13
ns
tPHL
CLR
Q or Q
CL = 15 pF
7.7*
12*
1*
15*
1
13
ns
tPLH
CLR ti
QQ
CL =15 pF
8*
13*
1*
16*
1
14
ns
tPHL
CLR trigger
Q or Q
CL = 15 pF
8*
13*
1*
16*
1
14
ns
tPLH
A
B
QQ
CL =50 pF
6.8
11
1
14
1
12
ns
tPHL
A or B
Q or Q
CL = 50 pF
6.8
11
1
14
1
12
ns
tPLH
CLR
QorQ
CL =50 pF
9.2
13
1
16
1
14
ns
tPHL
CLR
Q or Q
CL = 50 pF
9.2
13
1
16
1
14
ns
tPLH
CLR ti
QQ
CL =50 pF
9.5
14
1
17
1
15
ns
tPHL
CLR trigger
Q or Q
CL = 50 pF
9.5
14
1
17
1
15
ns
†
CL = 50 pF,
Cext = 28 pF,
Rext = 2 kΩ
133
200
240
240
ns
tw†
Q or Q
CL = 50 pF,
Cext = 0.01 µF,
Rext = 10 kΩ
90
100
110
90
110
90
110
ms
CL = 50 pF,
Cext = 0.1 µF,
Rext = 10 kΩ
0.9
1
1.1
0.9
1.1
0.9
1.1
ms
∆tw‡
±1
%
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
† tw = Pulse duration at Q and Q outputs
‡
∆tw = Output pulse-duration variation (Q and Q) between circuits in same package
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
29
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com