| 전자부품 데이터시트 검색엔진 |
|
SN74AHCT123ADE4 데이터시트(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74AHCT123ADE4 데이터시트(HTML) 10 Page - Texas Instruments |
|
10 / 24 page ![]() SN54AHCT123A, SN74AHCT123A DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS SCLS420G – JUNE 1998 – REVISED APRIL 2003 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION† Figure 7 MINIMUM TRIGGER TIME vs VCC CHARACTERISTICS RT = 1 kΩ TA = 25°C 10.00 0 1.00 0.10 0.01 12 3 4 5 6 CT = 0.01 µF CT = 1000 pF CT = 100 pF VCC – Supply Voltage – V Figure 8 1.20 1.15 1.10 1.05 1.00 0.95 0.90 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 RT = 10 kΩ TA = 25°C tW = K × CT × RT VCC – Supply Voltage – V OUTPUT PULSE-DURATION CONSTANT vs SUPPLY VOLTAGE CT = 1000 pF CT = 0.01 µF CT = 0.1 µF Figure 9 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 0.00001 0.0001 0.001 TA = 25°C VCC = 5 V For Capacitor Values of 0.001 µF or Greater, K = 1.0 (K is Independent of R) Multiplier Factor – K EXTERNAL CAPACITANCE vs MULTIPLIER FACTOR Figure 10 tw – Output Pulse Duration DISTRIBUTION OF UNITS vs OUTPUT PULSE DURATION Mean = 856 ns Median = 856 ns Std. Dev. = 3.5 ns VCC = 5 V TA = 25°C CT = 50 pF RT = 10 kW –3 Std. Dev. +3 Std. Dev. Median 99% of Data Units † Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. |