전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT123ADE4 데이터시트(PDF) 7 Page - Texas Instruments

부품명 SN74AHCT123ADE4
상세설명  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT123ADE4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74AHCT123ADE4 Datasheet HTML 3Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 4Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 5Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 9Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 10Page - Texas Instruments SN74AHCT123ADE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN54AHCT123A, SN74AHCT123A
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SCLS420G – JUNE 1998 – REVISED APRIL 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
caution in use
To prevent malfunctions due to noise, connect a high-frequency capacitor between VCC and GND, and keep
the wiring between the external components and Cext and Rext/Cext terminals as short as possible.
power-down considerations
Large values of Cext may cause problems when powering down the ’AHCT123A devices because of the amount
of energy stored in the capacitor. When a system containing this device is powered down, the capacitor may
discharge from VCC through the protection diodes at pin 2 or pin 14. Current through the input protection diodes
must be limited to 30 mA; therefore, the turn-off time of the VCC power supply must not be faster than
t = VCC × Cext/30 mA. For example, if VCC = 5 V and Cext = 15 pF, the VCC supply must turn off no faster than
t = (5 V)
× (15 pF)/30mA = 2.5 ns. Usually, this is not a problem because power supplies are heavily filtered and
cannot discharge at this rate. When a more rapid decrease of VCC to zero occurs, the ’AHCT123A devices may
sustain damage. To avoid this possibility, use external clamping diodes.
output pulse duration
The output pulse duration, tw, is determined primarily by the values of the external capacitance (CT) and timing
resistance (RT). The timing components are connected as shown in Figure 2.
VCC
RT
CT
To Rext/Cext
Terminal
To Cext
Terminal
Figure 2. Timing-Component Connections
The pulse duration is given by:
tw
+ K
R
T
C
T
if CT is ≥ 1000 pF, K = 1.0 or
if CT is < 1000 pF, K can be determined from Figure 5
where:
tw = pulse duration in ns
RT = external timing resistance in kΩ
CT = external capacitance in pF
K
= multiplier factor
Equation 1 and Figure 3 can be used to determine values for pulse duration, external resistance, and external
capacitance.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com