전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H562IG 데이터시트(PDF) 45 Page - STMicroelectronics

부품명 STM32H562IG
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG 데이터시트(HTML) 45 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 41Page - STMicroelectronics STM32H562IG Datasheet HTML 42Page - STMicroelectronics STM32H562IG Datasheet HTML 43Page - STMicroelectronics STM32H562IG Datasheet HTML 44Page - STMicroelectronics STM32H562IG Datasheet HTML 45Page - STMicroelectronics STM32H562IG Datasheet HTML 46Page - STMicroelectronics STM32H562IG Datasheet HTML 47Page - STMicroelectronics STM32H562IG Datasheet HTML 48Page - STMicroelectronics STM32H562IG Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 270 page
background image
DS14258 Rev 5
45/270
STM32H562xx and STM32H563xx
Functional overview
62
3.31
HASH hardware accelerator (HASH)
The HASH is a fully compliant implementation of the secure hash (SHA-1, SHA-224,
SHA-256, SHA-512) and the HMAC (keyed-hash message authentication code) algorithms.
HMAC is suitable for applications requiring message authentication.
The HASH computes FIPS (Federal information processing standards) approved digests of
length of 160, 224, 256, 512 bits, for messages of up to (264 – 1).
The HASH main features are:
•
Suitable for data authentication applications, compliant with:
–
FIPS PUB 180-4, Secure Hash Standard (SHA-1 and SHA-2 family)
–
FIPS PUB 186-4, Digital Signature Standard (DSS)
–
Internet Engineering Task Force (IETF) Request For Comments RFC 2104,
HMAC: Keyed-Hashing for Message Authentication and Federal Information
Processing Standards Publication FIPS PUB 198-1, The Keyed-Hash Message
Authentication Code (HMAC)
•
Fast computation of SHA-1, SHA-224, SHA-256, SHA-512
–
82 (respectively 66) clock cycles for processing one 512-bit block of data using
SHA-1 (respectively SHA-256) algorithm
•
Corresponding 32-bit words of the digest from consecutive message blocks are added
to each other to form the digest of the whole message
–
Automatic 32-bit words swapping to comply with the internal little-endian
representation of the input bit string
–
Word swapping supported: bits, bytes, half-words and 32-bit words
•
Automatic padding to complete the input bit string to fit digest minimum block size of
512 bits (16 × 32 bits)
•
Single 32-bit input register associated to an internal input FIFO of sixteen 32-bit words,
corresponding to one block size
•
AHB slave peripheral, accessible through 32-bit word accesses only (else an AHB
error is generated)
•
8 × 32-bit words (H0 to H7) for output message digest
•
Automatic data flow control with support of direct memory access (DMA) using one
channel. Single or fixed burst of 4 supported.
•
Interruptible message digest computation, on a per-32-bit word basis
–
Re-loadable digest registers
–
Hashing computation suspend/resume mechanism, including using DMA
3.32
Public key accelerator (PKA)
The PKA can verify ECDSA signatures, with all needed computation performed within the
accelerator. The application CPU is needed only to manage the inputs and the outputs of
the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com