전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H562IG 데이터시트(PDF) 60 Page - STMicroelectronics

부품명 STM32H562IG
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG 데이터시트(HTML) 60 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 56Page - STMicroelectronics STM32H562IG Datasheet HTML 57Page - STMicroelectronics STM32H562IG Datasheet HTML 58Page - STMicroelectronics STM32H562IG Datasheet HTML 59Page - STMicroelectronics STM32H562IG Datasheet HTML 60Page - STMicroelectronics STM32H562IG Datasheet HTML 61Page - STMicroelectronics STM32H562IG Datasheet HTML 62Page - STMicroelectronics STM32H562IG Datasheet HTML 63Page - STMicroelectronics STM32H562IG Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
60/270
DS14258 Rev 5
When SDMMC peripherals are used simultaneously:
•
Only one can be used in eMMC with 8-bit bus width.
•
Usage of SDMMC1 SDIO voltage switch use is mutually exclusive with SDMMC2
eMMC with 8-bit bus width.
•
If SDMMC1 must support SDIO UHS-I modes (SDR12, SDR25, SDR50, SDR104, or
DDR50), SDMMC2 cannot support eMMC with 8-bit bus width.
•
If SDMMC2 must support eMMC with 8-bit bus width, SDMMC1 can only support SDIO
Default mode and High-speed mode.
3.41
Controller area network (FDCAN)
The controller area network (CAN) subsystem consists of one CAN module, a shared
message RAM memory and a configuration block.
The modules (FDCAN) are compliant with ISO 11898-1: 2015 (CAN protocol specification
version 2.0 part A, B) and CAN FD protocol specification version 1.0.
A 0.8-Kbyte message RAM implements filters, receives FIFOs, transmits event FIFOs and
transmits FIFOs.
The FDCAN main features are:
•
Conform with CAN protocol version 2.0 part A, B and ISO 11898-1: 2015, -4
•
CAN FD with maximum 64 data bytes supported
•
CAN error logging
•
AUTOSAR and J1939 support
•
Improved acceptance filtering
•
Two receive FIFOs of three payloads each (up to 64 bytes per payload)
•
Separate signaling on reception of high priority messages
•
Configurable transmit FIFO / queue of three payload (up to 64 bytes per payload)
•
Configurable transmit Event FIFO
•
Programmable loop-back test mode
•
Maskable module interrupts
•
Two clock domains: APB bus interface and CAN core kernel clock
•
Power-down support
3.42
USB full speed (USB)
USB main features:
•
USB specification version 2.0 full-speed compliant
•
Host and device functions
•
2048 bytes of dedicated SRAM data buffer memory with 32-bit access
•
USB clock recovery
•
Configurable number of endpoints from 1 to 8
•
Cyclic redundancy check (CRC) generation/checking, non-return-to-zero inverted
(NRZI) encoding/decoding and bit-stuffing
•
Isochronous transfers support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com