전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H562IG 데이터시트(PDF) 96 Page - STMicroelectronics

부품명 STM32H562IG
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG 데이터시트(HTML) 96 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 92Page - STMicroelectronics STM32H562IG Datasheet HTML 93Page - STMicroelectronics STM32H562IG Datasheet HTML 94Page - STMicroelectronics STM32H562IG Datasheet HTML 95Page - STMicroelectronics STM32H562IG Datasheet HTML 96Page - STMicroelectronics STM32H562IG Datasheet HTML 97Page - STMicroelectronics STM32H562IG Datasheet HTML 98Page - STMicroelectronics STM32H562IG Datasheet HTML 99Page - STMicroelectronics STM32H562IG Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 270 page
background image
-
87
122
F7
150
B10
-
87
122
E8
150
B11
-
PD6
I/O
FT_sh
-
SAI1_D1, SPI3_MOSI/I2S3_SDO,
SAI1_SD_A, USART2_RX,
OCTOSPI1_IO6, SDMMC2_CK,
FMC_NWAIT,
DCMI_D10/PSSI_D10,
EVENTOUT
-
-
88
123
B7
151
A10
-
88
123
B8
151
A11
-
PD7
I/O
FT_sh
-
SPI1_MOSI/I2S1_SDO,
USART2_CK, OCTOSPI1_IO7,
SDMMC2_CMD,
FMC_NE1/FMC_NCE,
LPTIM4_OUT, EVENTOUT
-
-
-
--
-
D6
-
--
---
-
VSS
S
-
-
-
-
-
-
124
E7
152
B9
-
-
124
F7
152 C10
-
PG9
I/O
FT_sh
-
SPI1_MISO/I2S1_SDI,
USART6_RX, OCTOSPI1_IO6,
SAI2_FS_B, SDMMC2_D0,
FMC_NE2/FMC_NCE,
DCMI_VSYNC/PSSI_RDY,
EVENTOUT
-
-
-
125
C7
153
A9
-
-
125
A8
153
B10
-
PG10
I/O
FT_sh
-
SPI1_NSS/I2S1_WS, SAI2_SD_B,
SDMMC2_D1, FMC_NE3,
DCMI_D2/PSSI_D2, EVENTOUT
-
-
-
-
-
154
C9
-
-
126
E7
154
B9
-
PG11
I/O
FT_sh
-
LPTIM1_IN2, SPI1_SCK/I2S1_CK,
USART10_RX,
USART11_RTS/USART11_DE,
SDMMC2_D2,
ETH_MII_TX_EN/ETH_RMII_TX_
EN, DCMI_D3/PSSI_D3,
EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com