전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H562IG 데이터시트(PDF) 112 Page - STMicroelectronics

부품명 STM32H562IG
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG 데이터시트(HTML) 112 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 108Page - STMicroelectronics STM32H562IG Datasheet HTML 109Page - STMicroelectronics STM32H562IG Datasheet HTML 110Page - STMicroelectronics STM32H562IG Datasheet HTML 111Page - STMicroelectronics STM32H562IG Datasheet HTML 112Page - STMicroelectronics STM32H562IG Datasheet HTML 113Page - STMicroelectronics STM32H562IG Datasheet HTML 114Page - STMicroelectronics STM32H562IG Datasheet HTML 115Page - STMicroelectronics STM32H562IG Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 270 page
background image
Table 16. Alternate functions AF8 to AF15(1)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/SAI2
/SDMMC1/SPI6
/UART4/5/8
FDCAN1/2/FMC
[NAND16)/FMC
[NORmux)/FMC
[NOR_RAM)/
OCTOSPI/
SDMMC2/TIM13/14
CRS/FMC[NAND
16)/OCTOSPI/S
AI2/SDMMC2/
TIM8/USB_PD
ETH[MII/RMII)/
FMC[NAND16)/
OCTOSPI/
SDMMC2/
UART7/9/USB_PD
FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
FMC[SDRAM_16bit)
/SDMMC1
DCMI/FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
LPTIM5
LPTIM3/4/5/6/
TIM2/UART5
SYS
A
PA0
UART4_TX
SDMMC2_CMD
SAI2_SD_B
ETH_MII_CRS
-
-
TIM2_ETR
EVENTOUT
PA1
UART4_RX
OCTOSPI1_IO3
SAI2_MCLK_B
ETH_MII_RX_CLK
/ETH_RMII_REF_
CLK
--
-
EVENTOUT
PA2
SAI2_SCK_B
-
-
ETH_MDIO
-
-
-
EVENTOUT
PA3
-
-
-
ETH_MII_COL
-
-
-
EVENTOUT
PA4
SPI6_NSS
-
-
-
-
DCMI_HSYNC/
PSSI_DE
-EVENTOUT
PA5
SPI6_SCK
-
-
ETH_MII_TX_EN/
ETH_RMII_TX_EN
-
PSSI_D14
TIM2_ETR
EVENTOUT
PA6
SPI6_MISO
TIM13_CH1
-
-
-
DCMI_PIXCLK/
PSSI_PDCK
-EVENTOUT
PA7
SPI6_MOSI
TIM14_CH1
OCTOSPI1_IO2
ETH_MII_RX_DV/
ETH_RMII_CRS_
DV
FMC_SDNWE
FMC_NWE
-
EVENTOUT
PA8
-
-
USB_SOF
UART7_RX
FMC_NOE
DCMI_D3/PSSI_D3
-
EVENTOUT
PA9
-
-
-
ETH_MII_TX_ER
FMC_NWE
DCMI_D0/PSSI_D0
-
EVENTOUT
PA10
-
FDCAN2_TX
-
-
SDMMC1_D0
DCMI_D1/PSSI_D1
-
EVENTOUT
PA11
-
FDCAN1_RX
USB_DM
-
-
-
-
EVENTOUT
PA12
SAI2_FS_B
FDCAN1_TX
USB_DP
-
-
-
-
EVENTOUT
PA13
-
-
-
-
-
-
-
EVENTOUT
PA14
-
-
-
-
-
-
-
EVENTOUT
PA15
UART4_RTS/
UART4_DE
-
-
UART7_TX
FMC_NBL1
DCMI_D11/PSSI_D11
TIM2_ETR
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com