전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX1084D 데이터시트(PDF) 6 Page - AXElite technology co. ltd

부품명 AX1084D
상세설명  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1084D 데이터시트(HTML) 6 Page - AXElite technology co. ltd

Back Button AX1084D Datasheet HTML 2Page - AXElite technology co. ltd AX1084D Datasheet HTML 3Page - AXElite technology co. ltd AX1084D Datasheet HTML 4Page - AXElite technology co. ltd AX1084D Datasheet HTML 5Page - AXElite technology co. ltd AX1084D Datasheet HTML 6Page - AXElite technology co. ltd AX1084D Datasheet HTML 7Page - AXElite technology co. ltd AX1084D Datasheet HTML 8Page - AXElite technology co. ltd AX1084D Datasheet HTML 9Page - AXElite technology co. ltd AX1084D Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2019
AX1084
Load Regulation
Since the AX1084 is only a 3 terminal device, it is not possible to provide true remote
sensing of the output voltage at the load. The best load regulation is achieved when the
bottom side of R2 is connected to the load and the top-side of R1 resistor is connected
directly to the case or the VOUT pin of the regulator and not to the load. It is important to note
that for high current applications, this can re-present a significant percentage of the overall
load regulation and one must keep the path from the regulator to the load as short as
possible to minimize this effect.
Stability
The AX1084 requires the use of an output capacitor as part of the frequency
compensation in order to make the regulator stable. For most applications a minimum of
100uF aluminum electrolytic capacitor insures both stability and good transient response.
Thermal Design
The AX1084 incorporates an internal thermal shutdown that protects the device when
the junction temperature exceeds the maximum allowable junction temperature. Although
this device can operate with junction temperatures in the range of 150oC, it is recommended
that the selected heat sink be chosen such that during maximum continuous load operation
the junction temperature is kept below the temperature.
Layout Consideration
The output capacitors must be located as close to the VOUT terminal of the device as
possible. It is recommended to use a section of a layer of the PC board as a plane to
connect the VOUT pin to the output capacitors to prevent any high frequency oscillation that
may result due to excessive trace inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com