전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX1084D 데이터시트(PDF) 9 Page - AXElite technology co. ltd

부품명 AX1084D
상세설명  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1084D 데이터시트(HTML) 9 Page - AXElite technology co. ltd

Back Button AX1084D Datasheet HTML 3Page - AXElite technology co. ltd AX1084D Datasheet HTML 4Page - AXElite technology co. ltd AX1084D Datasheet HTML 5Page - AXElite technology co. ltd AX1084D Datasheet HTML 6Page - AXElite technology co. ltd AX1084D Datasheet HTML 7Page - AXElite technology co. ltd AX1084D Datasheet HTML 8Page - AXElite technology co. ltd AX1084D Datasheet HTML 9Page - AXElite technology co. ltd AX1084D Datasheet HTML 10Page - AXElite technology co. ltd AX1084D Datasheet HTML 11Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2019
AX1084
(2) TO252-3L
b2
E
e
b
e1
H
SEATING PLANE
L
D1
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
2.18
-
2.39
0.086
-
0.094
b
0.64
-
0.89
0.025
-
0.035
b2
4.95
-
5.46
0.195
-
0.215
C
0.46
-
0.61
0.018
-
0.024
C1
0.46
-
0.89
0.018
-
0.035
D
5.33
-
6.22
0.21
-
0.245
D1
4.57
-
-
0.18
-
-
E
6.35
-
6.73
0.25
-
0.265
e
2.29 BSC
0.090 BSC.
e1
4.58 BSC
0.180 BSC.
H
9.4
-
10.4
0.37
-
0.41
L
1.4
1.52
1.78
0.055
0.06
0.07
L1
-
-
1.02
-
-
0.04
L2
0.89
-
2.03
0.035
-
0.08
Mold flash shall not exceed 0.005inch per side
JEDEC outline: TO-252 AA / AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com