전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX1084D 데이터시트(PDF) 7 Page - AXElite technology co. ltd

부품명 AX1084D
상세설명  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1084D 데이터시트(HTML) 7 Page - AXElite technology co. ltd

Back Button AX1084D Datasheet HTML 3Page - AXElite technology co. ltd AX1084D Datasheet HTML 4Page - AXElite technology co. ltd AX1084D Datasheet HTML 5Page - AXElite technology co. ltd AX1084D Datasheet HTML 6Page - AXElite technology co. ltd AX1084D Datasheet HTML 7Page - AXElite technology co. ltd AX1084D Datasheet HTML 8Page - AXElite technology co. ltd AX1084D Datasheet HTML 9Page - AXElite technology co. ltd AX1084D Datasheet HTML 10Page - AXElite technology co. ltd AX1084D Datasheet HTML 11Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2019
AX1084
TYPICAL CHARACTERISTICS
Temperature (
oC)
Percent Change in Output Voltage vs Temperature
-50
-25
0
25
50
75
100
125
150
- 2
-1.5
- 1
-0.5
0
0. 5
1
1.5
2
Input Voltage (V)
Line Regulation
0
0.2
0.4
0.6
0.8
1
2
4
6
8
10
12
TIME (us)
Line Transient Response
-40
-20
0
20
40
5.5
6.5
7.5
Cin=1uF
Cout=10uF Tantalum
0
20
40
60
80
100 120 140 160 180 200
TIME (us)
Load Transient Response
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
-40
-20
0
20
40
60
Cin=1uF
Cout=10uF Tantalum
Preload=100mA
Output Current (A)
Dropout Voltage vs Output Current
0
0. 2
0. 4
0. 6
0. 8
1. 0
1. 2
1. 4
1. 6
1. 8
2. 0
0
1
2
3
4
Tj = 125
oC
Tj = 25
oC
5
Temperature (
oC)
Load Regulation vs Temperature
-25
0
25
50
75
100
125
- 1
-0.80
-0.40
-0.20
0
0.20
I load=1.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com