| 전자부품 데이터시트 검색엔진 |
|
LSM6DSV80X 데이터시트(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV80X 데이터시트(HTML) 10 Page - STMicroelectronics |
|
10 / 181 page ![]() 3.1 Pin connections The LSM6DSV80X offers flexibility to connect the pins in order to have three different mode connections and functionalities. In detail: • Mode 1: I²C / MIPI I3C® target interface or SPI (3- and 4-wire) serial interface is available. • Mode 2: I²C / MIPI I3C® target interface or SPI (3- and 4-wire) serial interface and I²C controller interface for external sensor connections are available. Figure 6. LSM6DSV80X connection modes HOST LSM6DSV80X HOST LSM6DSM LSM6DSM External sensors I2C / SPI (3/4-w) I2C / SPI (3/4-w) I2C controller Mode 1 Mode 2 MIPI I3C / MIPI I3C / LSM6DSV80X ® ® LSM6DSV80X Pin description DS14764 - Rev 1 page 10/181 |