전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CFB7G 데이터시트(PDF) 3 Page - Hubbell Incorporated.

부품명 CFB7G
상세설명  Recessed Multi-Service Concrete Floor Boxes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HUBBELL [Hubbell Incorporated.]
홈페이지  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

CFB7G 데이터시트(HTML) 3 Page - Hubbell Incorporated.

  CFB7G Datasheet HTML 1Page - Hubbell Incorporated. CFB7G Datasheet HTML 2Page - Hubbell Incorporated. CFB7G Datasheet HTML 3Page - Hubbell Incorporated. CFB7G Datasheet HTML 4Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
C
A
B
X
Y
Z
Floor Boxes
CFB7G Series
CFB11G Series
Dimensions
Inches (mm)
CFB7G4
CFB7G6
CFB11G4
CFB11G6
Min. Depth of Pour
4.08" (103.5)
6.08" (154.3)
4.08" (103.5)
6.08" (154.3)
Adjustability
Before Pour
Before Pour
Before Pour
Before Pour
Dimensions: A
B
C
4.08" (103.5)
10.0" (254.0)
12.2" (309.9)
6.08" (154.3)
10.0" (254.0)
12.2" (309.9)
4.08" (103.5)
13.5" (342.9)
12.2" (309.9)
6.08" (154.3)
13.5" (342.9)
12.2" (309.9)
Trade Size Knockouts:
Sidewalls
(4) x 1", 1¼" concentric
(4) x 1", 1¼", 1½" concentric (4) x 1", 1¼" concentric
(4) x 1", 1¼", 1½" concentric
Back
(3) x 1", 1¼", 1½" concentric;
(1) x 2"
(3) x 1", 1¼", 1½" concentric;
(1) 2"
(2) ¾", 1" concentric;
(4) 1", 1¼", 1½" concentric,
(1) 2"
(2) ¾", 1" concentric;
(4) 1", 1¼", 1½" concentric,
(1) 2"
Bottom
(4) x 1", 1½", 1¼" concentric (4) x 1", 1¼", 1½" concentric (5) 1", 1¼", 1½" concentric;
(2) ¾", 1" concentric
(5) 1", 1¼", 1½" concentric;
(2) ¾", 1" concentric
Side View
Depth behind
mounting
plate
X - 1.01"
Y - 2.41"
Z - 3.51"
X - 2.37"
Y - 3.77"
Z - 3.65"
X - 1.02"
Y - 2.42"
Z - 3.50"
X - 2.37"
Y - 3.81"
Z - 3.72"
Accepts industry
standard size wallplates
(sold separately)
(1) 1-gang
(1) 2-gang
(1) 4-gang
(1) 1-gang
(1) 2-gang
(1) 4-gang
(2) 1-gang
(1) 3-gang
(1) 6-gang
(2) 1-gang
(1) 3-gang
(1) 6-gang
Interior Configuration
Hubbell Floor Boxes
Recessed Multi-Service Concrete Floor Boxes
Covers
CFB7G Series
CFB11G Series
Brass
Aluminum
Brass
Aluminum
Flange and cover;
Beveled edge for carpet
¼" edging
¼" edging
CFB7CVRBRS
CFB7CVRALU
CFB11CVRBRS
CFB11CVRALU
Flange and cover;
Square edge for tile
½" edging
¼" edging
CFB7TBRS
CFB7TALU
CFB11TBRS
CFB11TALU
Covers provide a recess for floor covering insert.
Accessories
On-grade Barrier
CFBOGPAN4
The on-grade barrier is intended for use on installations
at grade level. This accessory is installed prior to the
concrete pour and provides a barrier between the soil.
The on-grade barrier comes with leveling feet and anchor
points. Can be used with other Hubbell floor boxes.
Pour Pan
Dimensions:
15.75 in. sq.
4 in. depth
1-Gang
2-Gang
1-Gang
4-Gang
6-Gang
3-Gang



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com