전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CFB7G 데이터시트(PDF) 2 Page - Hubbell Incorporated.

부품명 CFB7G
상세설명  Recessed Multi-Service Concrete Floor Boxes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HUBBELL [Hubbell Incorporated.]
홈페이지  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

CFB7G 데이터시트(HTML) 2 Page - Hubbell Incorporated.

  CFB7G Datasheet HTML 1Page - Hubbell Incorporated. CFB7G Datasheet HTML 2Page - Hubbell Incorporated. CFB7G Datasheet HTML 3Page - Hubbell Incorporated. CFB7G Datasheet HTML 4Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Hubbell Floor Boxes
Recessed Multi-Service Concrete Floor Boxes
•
cULus 514 Listed and scrub water
approved for carpet, tile and wood floors
•
Attractive brass or aluminum covers
with stainless steel locking studs
•
4" or 6" depth of concrete pour
•
2" trade size knockouts allow capacity
for pre-terminated connectors
•
Leveling feet provide before
pour adjustment
•
Supplied with 11-gauge galvanized steel
temporary concrete cover
•
Ideal for the most demanding
applications that require A/V and
multi-media services
•
Accepts industry standard wallplates
•
Can be used with the on-grade barrier
for grade level installations, which
prevents corrosion from contact with
the grade
•
Over 3.75" of space behind faceplates
for active modules, bend radius and
pre-terminated connectors.
•
Solid brass and brushed aluminum edging
•
Four (4) stainless steel locking studs secure
cover closed
•
Large carpet recess area
•
Covers are fully removable for easy access
to connectivity within box
CFB7G Series Multi-Service Floor Box
The CFB7G series floor box is the ideal solution
for today’s conference and training rooms. The
increasing demand for both power and audio/
video services creates the need for a high-
capacity floor box. The CFB7G series provides
the right amount of capacity for communication
and active multi-media devices, as well
as power. Covers, available in brass and
aluminum, are low profile and blend with any
office environment.
Covers
Cover options for the CFB series floor boxes
include both brushed aluminum and solid
brass edging. A large cover recess area
allows the installation of floor covering, to
conceal the floor box and blend with the
office environment. Cable egress doors rotate
inward, offering more capacity and eliminating
potential trip hazard. Covers are scrub water
rated for carpet, tile and wood floors.
CFB11G Series Multi-Service Floor Box
The CFB11G series floor box is designed for
maximum capacity to service Audio/Video
communications and power requirements.
Providing 11-gangs to populate with various
services, this floor box is the ultimate in
capacity and functionality. Multiple conduit
knockouts allow power, voice/data and multi-
media cables to be pulled separately.
CFB7G and CFB11G Series Features
CFB11G Series
CFB7G Series



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com