전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CFB7G 데이터시트(PDF) 4 Page - Hubbell Incorporated.

부품명 CFB7G
상세설명  Recessed Multi-Service Concrete Floor Boxes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HUBBELL [Hubbell Incorporated.]
홈페이지  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

CFB7G 데이터시트(HTML) 4 Page - Hubbell Incorporated.

  CFB7G Datasheet HTML 1Page - Hubbell Incorporated. CFB7G Datasheet HTML 2Page - Hubbell Incorporated. CFB7G Datasheet HTML 3Page - Hubbell Incorporated. CFB7G Datasheet HTML 4Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Hubbell Wiring Device-Kellems • Hubbell Incorporated (Delaware) • 40 Waterview Drive • Shelton, CT 06484 • Phone (800) 288-6000 • FAX (800) 255-1031
Hubbell Premise Wiring • Hubbell Incorporated (Delaware) • 14 Lord’s Hill Road • Stonington, CT 06378-0901 • Phone (800) 626-0005 • FAX (860) 535-8328
Printed in U.S.A. Specifications subject to change without notice.
Twist-Lock® and Style Line® are registered trademarks of Hubbell Incorporated. Hubbell-Pro™, ScrubShield™ and X-END™ are trademarks of Hubbell Incorporated.
WLBD002 6/10
Wiring Systems
®
www.hubbell-wiring.com
www.hubbell-premise.com
Front Loading Frame
White
Front Loading Frame
Stainless Steel
1-gang
2-gang
IMF1W
IMF2W
1-gang
2-gang
IMS1
IMS2
3-gang
4-gang
IMS3
IMS4
The IMF/IMS series accept any modules in 3 unit combinations for 1-gang; and 6 unit combinations
for 2-gang applications.
X-END™
X-END™ Keystone Snap Fit Connectors
8-pin Female; Black
Keystone, 4" Tail
Keystone, 90º
Keystone, Straight
SFAVCT
SFAVCN
SFAVCS
X-END™ AV Plug-n-Play Bulk Connectors
15-Pin HD15; 8-pin Female
Straight 180º
Angled 45º
Right Angle 90º
15S6P1*
15A6P1*
15N6P1*
* Add 0 at end of part number to get a package of 10 pieces
X-END™ Plug-n-Play Modules
8-pin Female
S-Video with 3.5mm Audio; 1U
S-Video with 2 RCA L/R Audio; 1U
3 RCA Composite Video w/L/R Audio; 1U
3 RCA Component Video; 1U
3 RCA Composite S-Video w/L/R Audio; 1.5U
4 RCA Component Video w/S/PDIF; 1.5U
5 RCA Component Video w/LR Audio; 1.5U
3 RCA Component w/ 3.5mm Audio; 1.5U
3 RCA Component with S-Video; 1.5U
5-BNC RGBHV; 1.5U
IMS3581xx
IMSRA81xx
IMR8P1xx
IMCR81xx
IMSRC815xx
IMCRD815xx
IMCAR815xx
IMC35815xx
IMSCCR815xx
IMB815xx
xx = Module Color: AL (Almond), BK (Black), EI (Electric Ivory), GY (Gray),
LA (Light Almond), OW (Office White) or W (White)
X-END™ AV Plug-n-Play
Application Tails
8-pin Female; 1ft Tail
S-Video with 3.5mm Audio
S-Video with 2 RCA L/R Audio
3 RCA Composite Video w/L/R Audio
3 RCA Component Video
3 RCA Composite S-Video w/L/R Audio
4 RCA Component Video w/S/PDIF
5 RCA Component Video w/LR Audio
3 RCA Component with 3.5mm Audio
3 RCA Component with S-Video
5-BNC RGBHV
15-Pin HD15 Female (VGA Style)
15-Pin HD15 Male (VGA Style)
AVS35T1
AVSRAT1
AVRCT1
AVCRT1
AVSRCT1
AVCRDT1
AVCART1
AVC35T1
AVSCRT1
AVBT1
15T6P1*
15MP6P1*
* Add 0 at end of part number to get a package of 10 pieces
X-END™ AV Plug-n-Play
Application Patching Runs
8-pin Female
S-Video with 3.5mm Audio
S-Video with 2 RCA L/R Audio
3 RCA Composite Video w/L/R Audio
3 RCA Component Video
3 RCA Composite S-Video w/L/R Audio
4 RCA Component Video w/S/PDIF
5 RCA Component Video w/LR Audio
3 RCA Component with 3.5mm Audio
3 RCA Component with S-Video
5-BNC RGBHV
15-Pin HD15 Female (VGA Style)
AVS35xx
AVSRAxx
AVRCxx
AVCRxx
AVSRCxx
AVCRDxx
AVCARxx
AVC35xx
AVSCRxx
AVBxx
AV15Mxx
xx = length: 05 = 5'; 10 = 10'
A/V Horizontal Run
Description
Non-Plenum
Plenum
8-Pin
VGA6xxxBK
VGA6PxxxBK
xxx=length: 5 ft. (05) to 100 ft, (100). Order in multiples of 5 ft.
HDMI Decorator Frame
Description
1-Port
2-Port
Female to Female
NS801x NS802x
x=color: AL (Almond), BK (Black), GY (Gray), I (Ivory), LA (Light Almond) or W (White)
Keystone Snapfit
Jacks
Color
Category 6
Category 5e
Black
Blue
HXJ6BK
HXJ6B
HXJ5EBK
HXJ5EB
USB Coupler
A to B
A to A
SFUSBABx
SFUSBAAx
x=colors: B (Blue), OW (Office White) or W (White)
RCA Connector
Solder
110 Termination
Pass-through
SFRCx(x)
SFRC110(x)
SFRC(x)Rx
x=colors: AL (Almond), BK (Black), GY (Gray),
EI (Electric Ivory), OW (Office White) or W (White)
(x)= insulator color: BK (Black), B (Blue), GN (Green),
OR (Orange), R (Red), W (White) or Y (Yellow)
Wiring Devices and Multimedia Connectivity
3.5mm
Stereo Jack
Solder
Screw Terminal
F/F Coupler
SF35SJx
SF35STx
SF35FFx
XLR 3-Pin
Connector
Solder
Screw Terminal
Blank Module,
1.5 Unit, 10 PK
XLR10
XLRST10
IMAVB15W
HDMI Connector
Coupler
3" Tail
Blank Module,
1 Unit, 10 PK
HDMIC1
HDMIT1
IMBDS1W
Hubbell Power Devices
Heavy Duty Spec Grade
15A, 125V
20A, 125V
HBL5262x
HBL5362x
Hubbell-Pro™
Finder groove face
15A, 125V
20A, 125V
5262x
5362x
Style Line® Decorator
15A, 125V
20A, 125V
DR15x
DR20x
Isolated Ground
Orange
15A, 125V
20A, 125V
IG5252
IG5352
Surge Suppression
15A, 125V
20A, 125V
HBL5262xSA
HBL5362xSA
LED GFCI
15A, 125V
20A, 125V
GF15xLA
GF20xLA
Twist-Lock®
2 Pole, 3 Wire; Brown
20A, 125V
20A, 250V
HB2310
HB2320
Twist-Lock®
2 Pole, 3 Wire; Brown
30A, 125V
30A, 250V
HBL2610
HBL2620
x=colors: AL (Almond), BK (Black), GY (Gray),
I (Ivory), OW (Office White), W (White) or
no suffix (Brown)
Wallplates
Stainless Steel
and White Nylon
Hubbell's iSTATION Modular Face Plate Frames
Single Recep. 1.40" Dia. Single Recep. 1.60" Dia.
Gang S/S
White Nylon
S/S
White Nylon
1
2
SS7
SS72
NP7W
—
SS720
SS320
NP20W
—
See full line catalog for all color options. For custom wallplate options see the full line
catalog or contact your local sales office.
Gang
Duplex
Decorator
Blank
S/S
White Nylon S/S
White Nylon S/S
White Nylon
1
2
3
4
6
SS8
SS82
SS83
SS84
—
NP8W
NP82W
NP83W
NP84W
—
SS26
SS262
SS263
SS264
SS266
NP26W
NP262W
NP263W
NP264W
NP266W
SS13
SS23
SS33
SS43
—
NP13W
NP23W
NP33W
NP43W
—



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com