| 전자부품 데이터시트 검색엔진 |
|
FT601Q-B-R 데이터시트(PDF) 22 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT601Q-B-R 데이터시트(HTML) 22 Page - Future Technology Devices International Ltd. |
|
22 / 33 page ![]() Copyright © Future Technology Devices International Limited 22 FT600Q-FT601Q IC DatasheetDatasheet Version 1.04 Document No.: FT_001118 Clearance No.: FTDI#424 6 USB Power Configurations The following sections illustrate possible USB power configurations for the FT60x. The illustrations have omitted pin numbers for ease of understanding since the pins differ between the FT600Q and FT601Q package options. All USB power configurations illustrated apply to both package options for the FT60x devices. Please refer to Section 3 for the package option pin-out and signal descriptions. 6.1 USB Bus-Powered Configuration Note: The reference designs here are for USB 3.0 Standard B or Micro-B connectors. Figure 6.1 Bus-Powered Configuration-3.3V I/O Figure 6.2 Bus-Powered Configuration-2.5V/1.8V I/O |